Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT201VCVL4A Datasheet(PDF) 114 Page - NXP Semiconductors

Part # PIMXRT201VCVL4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT201VCVL4A Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button PIMXRT201VCVL4A Datasheet HTML 110Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 111Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 112Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 113Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 114Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 115Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 116Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 117Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 119 page
background image
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
114
NXP Semiconductors
Revision history
7
Revision history
Table 88 provides a revision history for this data sheet.
Table 88. i.MX RT1060 Data Sheet document revision history
Rev.
Number
Date
Substantive Change(s)
Rev.4
04/2024 • In Figure 2, "i.MX RT1060 system block diagram" :
– Added FlexIO1 and FlexIO2
– Updated FlexPWM (8-Channel x4) to (4-Channel x4).
– Updated Internal memory 96KB ROM to 128KB ROM, updated “GP Timer” instance to 2 and
removed ”Shared with TCM”
• Updated Figure 1, "Part number nomenclature—i.MX RT10XX family"
• Interchanged the Min. and Max. values of spec “System frequency/Bus frequency” in Table 10,
Operating ranges
• Added FlexIO3 in Table 2, i.MX RT1060 modules list.
• Added note in Table 3, Special signal considerations
• Added new part numbers “MIMXRT106VDVL6B”, “MIMXRT106CDVL6B”, “MIMXRT106DDVL6B”,
“MIMXRT106PDVL6B” and their relevant information in Table 1, Ordering information
• In Table 83, 10 x 10 mm functional contact assignments and Table 86, 12 x 12 mm functional contact
assignments for “GPIO_AD_B0_10”, updated the default status to output.
• In Section 4.2.1.1, Power-up sequence removed “VDDA_ADC_3P3” instance from note
”USB_OTG1_VBUS and USB_OTG2_VBUS are not part of the power....”
Rev. 3
03/2022 • Updated the Figure 1, "Part number nomenclature—i.MX RT10XX family"
• Updated the part number for MIMXRT106LDVL6A and MIMXRT106LDVL6B in the Table 1, Ordering
information
• Updated the Section 4.2.1.1, Power-up sequence
• Updated for FlexSPI x2 in the Section 3, Modules List
• Updated the Figure 19, "FlexSPI input timing in SDR mode where FlexSPIn_MCR0[RXCLKSRC] =
0X0, 0X1"
• Updated row 6 in the Table 57, LPSPI Master mode timing
• Updated the Table 55, 12-bit ADC characteristics (VREFH = VDDA, VREFL = VSSAD)
• Updated the Figure 2, "i.MX RT1060 system block diagram"
Rev. 2
03/2021 • Added a new part number in the Table 1, Ordering information
• Updated the Figure 1, "Part number nomenclature—i.MX RT10XX family"
• Updated the baud rate of LPUART in the Table 2, i.MX RT1060 modules list
• Updated the descriptions of TEST_MODE in the Table 3, Special signal considerations
• Added system frequencies and bus frequencies in Table 10, Operating ranges; update the maximum
value of 3.3 V NVCC_EMC in the Table 10, Operating ranges
• Updated the maximum values of low-level output currents in the Table 22, Single voltage GPIO DC
parameters
• Added Default setting on reset columns and a footnote in the Table 83, 10 x 10 mm functional contact
assignments and Table 86, 12 x 12 mm functional contact assignments
Rev. 1
07/2020 • Changed the MPCore to core in the Section 1.1, Features
• Added new part numbers in the Table 1, Ordering information
• Updated the Figure 1, "Part number nomenclature—i.MX RT10XX family"
• Updated the frequency of RTC OSC in the Table 2, i.MX RT1060 modules list
• Updated conditions and maximum current of DCDC_IN in the Table 12, Maximum supply currents
• Added a restrictions in the Section 4.2.1.1, Power-up sequence
• Added IOH and IOL in the Table 22, Single voltage GPIO DC parameters
• Updated the minimum and maximum values in the Table 33, SEMC output timing in SYNC mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com