Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT804VCVL4A Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PIMXRT804VCVL4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT804VCVL4A Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PIMXRT804VCVL4A Datasheet HTML 33Page - NXP Semiconductors PIMXRT804VCVL4A Datasheet HTML 34Page - NXP Semiconductors PIMXRT804VCVL4A Datasheet HTML 35Page - NXP Semiconductors PIMXRT804VCVL4A Datasheet HTML 36Page - NXP Semiconductors PIMXRT804VCVL4A Datasheet HTML 37Page - NXP Semiconductors PIMXRT804VCVL4A Datasheet HTML 38Page - NXP Semiconductors PIMXRT804VCVL4A Datasheet HTML 39Page - NXP Semiconductors PIMXRT804VCVL4A Datasheet HTML 40Page - NXP Semiconductors PIMXRT804VCVL4A Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 119 page
background image
Electrical Characteristics
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
NXP Semiconductors
37
Table 22. Single voltage GPIO DC parameters
Parameter
Symbol
Test Conditions
Min
Typical
Max
Units
High-level output voltage1
VOH
Ioh= -0.1mA (ipp_dse=001,010)
Ioh= -1mA
(ipp_dse=011,100,101,110,111)
NVCC_XXX
X-0.15
—
–
V
Low-level output voltage1
VOL
Iol= 0.1mA (ipp_dse=001,010)
Iol= 1mA
(ipp_dse=011,100,101,110,111)
–
—
0.15
V
High-level output current
IOH
VDDE = 3.3 V, VOH = VDDE - 0.45
V, ipp_dse as follows:
001
010
011
110
101
110
111
—
-1
-1
-2
-2
-2
-4
-4
—
mA
Low-level output current
IOL
VDDE = 3.3 V, VOL = 0.45 V,
ipp_dse as follows:
001
010
011
110
101
110
111
—
1
1
2
2
2
4
4
—
mA
High-Level input voltage1,2
VIH
—
0.7 x
NVCC_XXX
X
—
NVCC_XX
XX
V
Low-Level input voltage1,2
VIL
—
0
—
0.3 x
NVCC_XX
XX
V
Input Hysteresis
(NVCC_XXXX= 1.8V)
VHYS_LowV
DD
NVCC_XXXX=1.8V
250
—
—
mV
Input Hysteresis
(NVCC_XXXX=3.3V)
VHYS_HighV
DD
NVCC_XXXX=3.3V
250
—
—
mV
Schmitt trigger VT+2,3
VTH+
—
0.5 x
NVCC_XXX
X
—
—
mV
Schmitt trigger VT-2,3
VTH-
—
—
—
0.5 x
NVCC_XX
XX
mV
Pull-up resistor (22_k PU)
RPU_22K
Vin=0V
—
—
212
A
Pull-up resistor (22_k PU)
RPU_22K
Vin=NVCC_XXXX
—
—
1
A
Pull-up resistor (47_k PU)
RPU_47K
Vin=0V
—
—
100
A
Pull-up resistor (47_k PU)
RPU_47K
Vin=NVCC_XXXX
—
—
1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com