Electronic Components Datasheet Search
  English  ▼

X  

STAC9204 Datasheet(PDF) 49 Page - Integrated Device Technology

Part # STAC9204
Description  4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9204 Datasheet(HTML) 49 Page - Integrated Device Technology

Back Button STAC9204 Datasheet HTML 45Page - Integrated Device Technology STAC9204 Datasheet HTML 46Page - Integrated Device Technology STAC9204 Datasheet HTML 47Page - Integrated Device Technology STAC9204 Datasheet HTML 48Page - Integrated Device Technology STAC9204 Datasheet HTML 49Page - Integrated Device Technology STAC9204 Datasheet HTML 50Page - Integrated Device Technology STAC9204 Datasheet HTML 51Page - Integrated Device Technology STAC9204 Datasheet HTML 52Page - Integrated Device Technology STAC9204 Datasheet HTML 53Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 213 page
background image
STAC9204/9205
4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
PC AUDIO
IDT™
49
STAC9204/9205
V 1.0 12/06
4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
3.4.2.19. AFG GPIOInvert
Set3
722
See bits [7:0] of bitfield table.
0000_0000h
Set4
723
See bits [7:0] of bitfield table.
0000_0000h
Table 55. AFG SubID Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:24]
Subsys3
RW
0x00
Subsystem ID. (Any non-zero value)
[23:16]
Subsys2
RW
0x00
Subsystem ID. (Any non-zero value)
[15:8]
Subsys1
RW
0x01
Subsystem ID. (Any non-zero value)
[7:0]
Assembly
RW
0x00
Assembly ID. (Not applicable to CODEC
vendors)
Table 56. AFG GPIOInvert Command Verb Format
Verb ID
Payload
Response
Get
FEE
00
See bitfield table.
Set1
7EE
See bits [7:0] of bitfield table.
0000_0000h
Table 57. AFG GPIOInvert Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:5]
Rsvd
R
0x0
Reserved
[4]
GP4
RW
0x1
GPIO4 Polarity
If configured as an output:
0 = inverting
1 = non-inverting
If configured as a non-sticky input:
0 = inverting
1 = non-inverting
If configured as a sticky input:
0 = falling events will be detected
1 = rising events will be detected.
Table 54. AFG SubID Command Verb Format
Verb ID
Payload
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com