Electronic Components Datasheet Search
  English  ▼

X  

STAC9204 Datasheet(PDF) 79 Page - Integrated Device Technology

Part # STAC9204
Description  4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9204 Datasheet(HTML) 79 Page - Integrated Device Technology

Back Button STAC9204 Datasheet HTML 75Page - Integrated Device Technology STAC9204 Datasheet HTML 76Page - Integrated Device Technology STAC9204 Datasheet HTML 77Page - Integrated Device Technology STAC9204 Datasheet HTML 78Page - Integrated Device Technology STAC9204 Datasheet HTML 79Page - Integrated Device Technology STAC9204 Datasheet HTML 80Page - Integrated Device Technology STAC9204 Datasheet HTML 81Page - Integrated Device Technology STAC9204 Datasheet HTML 82Page - Integrated Device Technology STAC9204 Datasheet HTML 83Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 213 page
background image
STAC9204/9205
4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
PC AUDIO
IDT™
79
STAC9204/9205
V 1.0 12/06
4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
3.4.7.
PortE Node (NID = 0x0E)
3.4.7.1.
PortE WCap
Table 136. PortE WCap Command Verb Format
Verb ID
Payload
Response
Get
F00
09
See bitfield table.
Table 137. PortE WCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:24]
Rsvd2
R
0x0
Reserved
[23:20]
Type
R
0x4
Widget type = Pin Complex
[19:16]
Delay
R
0x0
Number of sample delays through widget
[15:12]
Rsvd1
R
0x0
Reserved
[11]
SwapCap
R
0x0
No left/right channel swap capability
[10]
PwrPrsnt
R
0x0
No support for Power State control
[9]
DigitalStrm
R
0x0
Widget supports an Analog stream
[8]
ConnList
R
0x1
Connection list is present
[7]
UnsolCap
R
0x1
Unsolicited Response is supported
[6]
ProcPrsnt
R
0x0
No Processing Controls parameter
[5]
Stripe
R
0x0
No support for striping
[4]
FrmtOverride
R
0x0
N/A for pin complex
[3]
AmpOverride
R
0x0
No amplifier info; use default amplifier
parameters from Audio Function node
instead
[2]
OutAmpPrsnt
R
0x0
No output amplifier
[1]
InAmpPrsnt
R
0x0
No input amplifier
[0]
Stereo
R
0x1
Stereo widget



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com