Electronic Components Datasheet Search
  English  ▼

X  

SAMPLELPCH20MPPX Datasheet(PDF) 2 Page - Weidmuller

Part # SAMPLELPCH20MPPX
Description  OMNIMATE Housing - series CH20M green
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

SAMPLELPCH20MPPX Datasheet(HTML) 2 Page - Weidmuller

  SAMPLELPCH20MPPX Datasheet HTML 1Page - Weidmuller SAMPLELPCH20MPPX Datasheet HTML 2Page - Weidmuller SAMPLELPCH20MPPX Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data sheet
 
SAMPLE LP CH20M PPX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date November 4, 2024 6:08:33 AM CET
 
Catalogue status 26.10.2024 / We reserve the right to make technical changes.
2
Dimensions and weights
 
Depth
99 mm
  Depth (inches)
3.898 inch
Height
101 mm
  Height (inches)
3.976 inch
Width
1.6 mm
  Width (inches)
0.063 inch
Net weight
24.8 g
   
 
Material data
 
Insulating material
PA 66 GF 30
  Insulating material group
II
 
General data
 
Colour
green
  Colour chart (similar)
RAL 6032
Protection degree
IP20 in installed state
   
 
Classifications
 
ETIM 6.0
EC001031
  ETIM 7.0
EC001031
ETIM 8.0
EC001031
  ETIM 9.0
EC001031
ECLASS 9.0
27-18-27-02
  ECLASS 9.1
27-18-27-92
ECLASS 10.0
27-18-27-02
  ECLASS 11.0
27-18-27-02
ECLASS 12.0
27-18-27-02
  ECLASS 13.0
27-19-02-04
ECLASS 14.0
27-19-02-04
   
 
Environmental Product Compliance
 
RoHS Compliance Status
Compliant
REACH SVHC
No SVHC above 0.1 wt%
 
Approvals
 
ROHS
Conform
 
Downloads
 
Engineering Data
PCB Reference Layout
Catalogues
Catalogues in PDF-format
Brochures
MB DEVICE MANUF. EN
FL 72H SAMPLE SER EN
PO OMNIMATE EN
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com