Electronic Components Datasheet Search
  English  ▼

X  

SAMPLELPCH20MPPX Datasheet(PDF) 1 Page - Weidmuller

Part # SAMPLELPCH20MPPX
Description  OMNIMATE Housing - series CH20M green
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

SAMPLELPCH20MPPX Datasheet(HTML) 1 Page - Weidmuller

  SAMPLELPCH20MPPX Datasheet HTML 1Page - Weidmuller SAMPLELPCH20MPPX Datasheet HTML 2Page - Weidmuller SAMPLELPCH20MPPX Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data sheet
 
 
Creation date November 4, 2024 6:08:33 AM CET
 
Catalogue status 26.10.2024 / We reserve the right to make technical changes.
1
SAMPLE LP CH20M PPX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
 
The perfect platform for function and innovation:
Innovative function electronics require intelligent "pack-
ages" in order to integrate perfectly in the system environ-
ment.
The ongoing development and consistent expansion of
the Weidmüller electronics housing portfolio provides a
secure platform for future electronics applications what-
ever the design or intended use. CAD data for PCBs is pro-
vided for all enclosures. Screw and tension clamp termi-
nals are available for all connections.
The consistent synergy between design, connection sys-
tem and functionality lays the perfect foundation stone for
electronics systems designed in line with market and ap-
plication requirements.
Function, shape and manufacturing quality combine into
a single logical unit that provides maximum reliability and
operating comfort for the user.
General ordering data
 
Version
Electronics housing sample, OMNIMATE Hous-
ing - series CH20M green, PCB for self-assembly,
CH20M12 - 67, For 2 connection levels, Width:
1.6 mm
Order No.
1105580000
Type
SAMPLE LP CH20M PPX
GTIN (EAN)
4032248880652
Qty.
1 pc(s).
 


Similar Part No. - SAMPLELPCH20MPPX

ManufacturerPart #DatasheetDescription
logo
Weidmuller
SAMPLELPCH20MPPP WEIDMULLER-SAMPLELPCH20MPPP Datasheet
82Kb / 2P
OMNIMATE Housing - series CH20M green
More results

Similar Description - SAMPLELPCH20MPPX

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1104190000 WEIDMULLER-1104190000 Datasheet
82Kb / 2P
Electronics housings, CH20M black, Hood, Width: 12.5 mm
1104250000 WEIDMULLER-1104250000 Datasheet
80Kb / 2P
Electronics housings, CH20M transparent, Tilt cover, Width: 12.5 mm
1104420000 WEIDMULLER-1104420000 Datasheet
89Kb / 2P
Electronics housings, CH20M black, Hood, Width: 45 mm
2418600000 WEIDMULLER-2418600000 Datasheet
119Kb / 3P
Electronics housings, CH20M black, Housing, black, Width: 6.1 mm
2418610000 WEIDMULLER-2418610000 Datasheet
82Kb / 2P
Electronics housings, CH20M black, Housing cover, black, Width: 5.2 mm
2418640000 WEIDMULLER-2418640000 Datasheet
82Kb / 2P
Electronics housings, CH20M black, Hood, Width: 22.5 mm
1625840000 WEIDMULLER-1625840000 Datasheet
62Kb / 1P
Omnimate Range - 5.00 mm Pitch
9993940000 WEIDMULLER-9993940000 Datasheet
240Kb / 5P
OMNIMATE Signal - series LM LM 5.08/06/90 3.5SN BK BX
logo
List of Unclassifed Man...
1783680000 ETC2-1783680000 Datasheet
429Kb / 5P
OMNIMATE Power - series LX LX 15.00/03/90 4.5SN GY BX
logo
Weidmuller
2442340000 WEIDMULLER-2442340000 Datasheet
1Mb / 6P
OMNIMATE Signal - series BC/SC 3.81 BCZ 3.81/07/180LR SN OR BX
November 19, 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com