Electronic Components Datasheet Search
  English  ▼

X  

AP2953A Datasheet(PDF) 6 Page - Wuxi Chipown Micro-electronics limited

Part # AP2953A
Description  3A, 18V Synchronous Rectified Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

AP2953A Datasheet(HTML) 6 Page - Wuxi Chipown Micro-electronics limited

  AP2953A Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited AP2953A Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited AP2953A Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited AP2953A Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited AP2953A Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited AP2953A Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited AP2953A Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited AP2953A Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited AP2953A Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AP2953A
Chipown
8/F, ChuangYuan Building
No.21-1 Changjiang Road, Wuxi New Destrict Tel: +86(510)8521-7718
http://www.chipown.com.cn
V2.0
6 / 9
should be placed as close to the IC as possible. When using
ceramic capacitors, make sure that they have enough
capacitance to provide sufficient charge to prevent excessive
voltage ripple at input. The input voltage ripple for low ESR
capacitors can be estimated by:
Where C1 is the input capacitance value.
Output Capacitor
The output capacitor is required to maintain the DC output
voltage.
Ceramic,
tantalum,
or
low
ESR
electrolytic
capacitors are recommended. Low ESR capacitors are
preferred to keep the output voltage ripple low. The output
voltage ripple can be estimated by:
Where C2 is the output capacitance value and RESR is the
equivalent series resistance (ESR) value of the output capacitor.
In the case of ceramic capacitors, the impedance at the
switching frequency is dominated by the capacitance. The
output voltage ripple is mainly caused by the capacitance. For
simplification, the output voltage ripple can be estimated by:
In the case of tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching frequency. For
simplification, the output ripple can be approximated to:
The characteristics of the output capacitor also affect the
stability of the regulation system. The AP2953A can be
optimized for a wide range of capacitance and ESR values.
Compensation Components
AP2953A
employs
current
mode
control
for
easy
compensation and fast transient response. The system stability
and transient response are controlled through the COMP pin.
COMP pin is the output of the internal transconductance error
amplifier. A series capacitor-resistor combination sets a
pole-zero combination to control the characteristics of the
control system.
The DC gain of the voltage feedback loop is given by:
Where VFB is the feedback voltage, 0.925V;
AVEA is the error amplifier voltage gain; GCS is the current
sense transconductance and RLOAD is the load resistor value.
The system has two poles of importance. One is due to the
compensation capacitor (C3) and the output resistor of the
error amplifier, and the other is due to the output capacitor
and the load resistor. These poles are located at:
Where GEA is the error amplifier transconductance.
The system has one zero of importance, due to the
compensation capacitor (C3) and the compensation resistor
(R3). This zero is located at:
The system may have another zero of importance, if the output
capacitor has a large capacitance and/or a high ESR value. The
zero, due to the ESR and capacitance of the output capacitor, is
located at:
In this case (as shown in Figure 4), a third pole set by the
compensation capacitor (C6) and the compensation resistor
(R3) is used to compensate the effect of the ESR zero on the
loop gain. This pole is located at:
The goal of compensation design is to shape the converter
transfer function to get a desired loop gain. The system
crossover frequency where the feedback loop has the unity
gain is important. Lower crossover frequencies result in slower
line and load transient responses, while higher crossover
frequencies could cause system instability. A good rule of
thumb is to set the crossover frequency below one-tenth of the
switching frequency.
To optimize the compensation components, the following
procedure can be used.
1. Choose the compensation resistor (R3) to set the desired
crossover frequency. Determine the R3 value by the following
equation:
Where fC is the desired crossover frequency which is typically
below one tenth of the switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com