Electronic Components Datasheet Search
  English  ▼

X  

AP2953A Datasheet(PDF) 1 Page - Wuxi Chipown Micro-electronics limited

Part # AP2953A
Description  3A, 18V Synchronous Rectified Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

AP2953A Datasheet(HTML) 1 Page - Wuxi Chipown Micro-electronics limited

  AP2953A Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited AP2953A Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited AP2953A Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited AP2953A Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited AP2953A Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited AP2953A Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited AP2953A Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited AP2953A Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited AP2953A Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP2953A
Chipown
8/F, ChuangYuan Building
No.21-1 Changjiang Road, Wuxi New Destrict Tel: +86(510)8521-7718
http://www.chipown.com.cn
V2.0
1 / 9
3A, 18V Synchronous Rectified
Step-Down Converter
Description
The AP2953A is a monolithic synchronous buck regulator.
The device integrates 100mΩ MOSFETS that provide 3A
continuous load current over a wide operating input voltage
of 4.75V to 18V. Current mode control provides fast transient
response and cycle-by-cycle current limit.
An adjustable soft-start prevents inrush current at turn-on. In
shutdown mode, the supply current drops below 1μA.
This device, available in an 8-pin SOP package, provides a
very compact system solution with minimal reliance on
external components.
Applications
Distributed Power Systems
Networking Systems
FPGA, DSP, ASIC Power Supplies
Green Electronics/ Appliances
Notebook Computers
Features
3A Output Current
Wide 4.75V to 18V Operating Input Range
Integrated 100mΩ Power MOSFET Switches
Output Adjustable from 0.925V to 15V
Up to 95% Efficiency
Programmable Soft-Start
Stable with Low ESR Ceramic Output Capacitors
Fixed 370KHz Frequency
Cycle-by-Cycle Over Current Protection
Input Under Voltage Lockout
Thermally Enhanced 8-Pin SOP Package
Package
SOP8-PP
5
6
7
8
4
3
2
Typical Application Circuit
Figure 1. Typical Application Circuit
Vout=5V
0
10
20
30
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
3000
3500
Load(mA)
Vin=12V
Vin=18V
Vin=9V
Figure 2. Typical Efficiency Curve


Similar Part No. - AP2953A

ManufacturerPart #DatasheetDescription
logo
Wuxi Chipown Micro-elec...
AP2953 CHIPOWN-AP2953 Datasheet
157Kb / 1P
3A, 23V Synchronous Rectifier Step-Down Regulator
More results

Similar Description - AP2953A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7665 EXAR-XRP7665 Datasheet
759Kb / 12P
3A 18V Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1482 MPS-MP1482 Datasheet
291Kb / 12P
2A, 18V Synchronous Rectified Step-Down Converter
logo
E-CMOS Corporation
EC3286 E-CMOS-EC3286 Datasheet
1,011Kb / 14P
3A 32V Synchronous Rectified Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9313 BELLING-BL9313 Datasheet
524Kb / 11P
3A, 18V Synchronous Step-Down Converter
BL9371 BELLING-BL9371 Datasheet
561Kb / 11P
3A, 18V Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1472 MPS-MP1472 Datasheet
453Kb / 13P
2A, 18V Synchronous Rectified Step-Down Converter
MP9472 MPS-MP9472 Datasheet
756Kb / 16P
0.45A, 18V, Non-Synchronous, Rectified, Step-Down Converter
logo
Guangdong Kexin Industr...
MP1482 KEXIN-MP1482 Datasheet
1Mb / 4P
2A, 18V Synchronous Rectified Step-Down Converter
logo
AiT Semiconductor Inc.
A7230 AITSEMI-A7230 Datasheet
1Mb / 17P
DC-DC CONVERTER BUCK (STEP-DOWN) 3A, 18V SYNCHRONOUS RECTIFIED
REV1.1
logo
Unisonic Technologies
P1482A UTC-P1482A Datasheet
336Kb / 5P
2A, 18V, 365KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com