Electronic Components Datasheet Search
  English  ▼

X  

P4C1049 Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C1049
Description  HIGH SPEED 512K x 8 STATIC CMOS RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1049 Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C1049 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1049 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1049 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1049 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1049 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1049 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1049 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1049 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1049 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
P4C1049
Page 4 of 12
Document # SRAM128 REV OR
AC ELECTRICAL CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Sym.
t
RC
t
AA
t
AC
t
OH
t
LZ
t
HZ
t
OE
t
OLZ
t
OHZ
t
PU
t
PD
Parameter
Read Cycle Time
Address Access Time
Chip Enable Access Time
Output Hold from Address
Change
Chip Enable to Output in
Low Z
Chip Disable to Output in
High Z
Output Enable Low to Low Z
Output Enable High to High Z
Chip Enable to Power Up
Time
Chip Disable to Power Down
Time
Output Enable Low to Data
Valid
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
-20
-25
-35
-45
-55
-70
-15
Unit
15
3
3
0
0
15
15
8
7
7
15
20
3
3
0
0
20
20
9
9
9
20
25
3
3
0
0
25
25
11
10
10
25
35
3
3
0
0
35
35
15
15
15
35
45
3
3
0
0
45
45
20
20
20
45
55
3
3
0
0
55
55
25
25
25
55
70
3
3
0
0
70
70
30
30
30
70
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
TIMING WAVEFORM OF READ CYCLE NO. 1 (OE
OE
OE
OE
OE CONTROLLED)(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com