Electronic Components Datasheet Search
  English  ▼

X  

P4C1049 Datasheet(PDF) 11 Page - Pyramid Semiconductor Corporation

Part # P4C1049
Description  HIGH SPEED 512K x 8 STATIC CMOS RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1049 Datasheet(HTML) 11 Page - Pyramid Semiconductor Corporation

Back Button P4C1049 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1049 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1049 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1049 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1049 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1049 Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1049 Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C1049 Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C1049 Datasheet HTML 12Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
P4C1049
Page 11 of 12
Document # SRAM128 REV OR
Pkg #
# Pins
Symbol
Min
Max
A
0.080
0.100
A1
0.054
0.066
B
0.022
0.028
D
0.910
0.930
D1
0.840
0.860
E
0.445
0.460
e
L
L2
0.115
0.135
P
-
0.006
R
.050 BSC
.100 TYP
.009 TYP
L11
36
RECTANGULAR LEADLESS CHIP CARRIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com