Electronic Components Datasheet Search
  English  ▼

X  

P4C1256 Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C1256
Description  HIGH SPEED 32K x 8 STATIC CMOS RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1256 Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C1256 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1256 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1256 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1256 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1256 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1256 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1256 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1256 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1256 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Document # SRAM119 REV G
Revised June 2007
P4C1256
HIGH SPEED 32K x 8
STATIC CMOS RAM
High Speed (Equal Access and Cycle Times)
— 12/15/20/25/35 ns (Commercial)
— 15/20/25/35/45 ns (Industrial)
— 20/25/35/45/55/70 ns (Military)
Low Power
Single 5V±10% Power Supply
Easy Memory Expansion Using
CE
CE
CE
CE
CE and OE
OE
OE
OE
OE
Inputs
Common Data I/O
Three-State Outputs
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATIONS
1519B
Fully TTL Compatible Inputs and Outputs
Advanced CMOS Technology
Fast t
OE
Automatic Power Down
Packages
—28-Pin 300 mil DIP, SOJ, TSOP
—28-Pin 300 mil Ceramic DIP
—28-Pin 600 mil Ceramic DIP
—28-Pin CERPACK
—28-Pin SOP
—28-Pin LCC (350 mil x 550 mil)
—32-Pin LCC (450 mil x 550 mil)
FEATURES
DESCRIPTION
The P4C1256 is a 262,144-bit high-speed CMOS
static RAM organized as 32Kx8. The CMOS memory
requires no clocks or refreshing, and has equal access
and cycle times. Inputs are fully TTL-compatible. The
RAM operates from a single 5V±10% tolerance power
supply.
Access times as fast as 12 nanoseconds permit greatly
enhanced system operating speeds. CMOS is utilized
to reduce power consumption to a low level. The
P4C1256 is a member of a family of PACE RAM™ prod-
ucts offering fast access times.
DIP (P5, C5, C5-1, D5-2), SOJ (J5), SOP (S11-1, S11-3)
CERPACK (F4) SIMILAR
See end of datasheet for LCC and TSOP
pin configurations.
The P4C1256 device provides asynchronous operation
with matching access and cycle times. Memory loca-
tions are specified on address pins A
0 to A14.
Reading
is accomplished by device selection (
CE and output
enabling (
OE) while write enable (WE) remains HIGH.
By presenting the address under these conditions, the
data in the addressed memory location is presented on
the data input/output pins. The input/output pins stay
in the HIGH Z state when either
CE or OE is HIGH or
WE is LOW.
Package options for the P4C1256 include 28-pin 300
mil DIP, SOJ and TSOP packages. For military tempera-
ture range, Ceramic DIP and LCC packages are avail-
able.


Similar Part No. - P4C1256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
HIGH SPEED 32K x 8 STATIC CMOS RAM
P4C1256-12CC ETC1-P4C1256-12CC Datasheet
89Kb / 8P
HIGH SPEED 32K x 8 STATIC CMOS RAM
P4C1256-12CM ETC1-P4C1256-12CM Datasheet
89Kb / 8P
HIGH SPEED 32K x 8 STATIC CMOS RAM
P4C1256-12CMB ETC1-P4C1256-12CMB Datasheet
89Kb / 8P
HIGH SPEED 32K x 8 STATIC CMOS RAM
P4C1256-12DC ETC1-P4C1256-12DC Datasheet
89Kb / 8P
HIGH SPEED 32K x 8 STATIC CMOS RAM
More results

Similar Description - P4C1256

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
32K X 8 High Speed CMOS Static RAM
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
32K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL_06 Datasheet
98Kb / 12P
32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
32K X 8 HIGH SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com