Electronic Components Datasheet Search
  English  ▼

X  

P4C1256 Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # P4C1256
Description  HIGH SPEED 32K x 8 STATIC CMOS RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1256 Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  P4C1256 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1256 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1256 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1256 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1256 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1256 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1256 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1256 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1256 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
P4C1256
Page 2 of 17
Document # SRAM119 REV G
P4C1256
MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
V
CC
Power Supply Pin with
–0.5 to +7
V
Respect to GND
Terminal Voltage with
–0.5 to
V
TERM
Respect to GND
V
CC +0.5
V
(up to 7.0V)
T
A
Operating Temperature
–55 to +125
°C
Symbol
Parameter
Value
Unit
T
BIAS
Temperature Under
–55 to +125
°C
Bias
T
STG
Storage Temperature
–65 to +150
°C
P
T
Power Dissipation
1.0
W
I
OUT
DC Output Current
50
mA
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
I
SB
Standby Power Supply
Current (TTL Input Levels)
CE
≥ V
IH
Mil.
V
CC= Max,
Ind./Com’l.
f = Max., Outputs Open
___
___
45
30
20
10
___
___
CE
≥ V
HC
Mil.
V
CC= Max,
Ind./Com’l.
f = 0, Outputs Open
V
IN ≤ VLC or VIN ≥ VHC
Standby Power Supply
Current
(CMOS Input Levels)
I
SB1
Industrial
Grade(2)
Ambient
Temperature
GND
V
CC
0V
0V
5.0V ± 10%
5.0V ± 10%
0V
5.0V ± 10%
–55°C to +125°C
Military
Symbol
C
IN
C
OUT
Parameter
Input Capacitance
Output Capacitance
Conditions
V
IN = 0V
V
OUT = 0V
8
10
Unit
pF
pF
CAPACITANCES(4)
V
CC = 5.0V, TA = 25°C, f = 1.0MHz
Symbol
DC ELECTRICAL CHARACTERISTICS
Over recommended operating temperature and supply voltage(2)
V
IH
V
IL
V
HC
V
LC
I
LI
I
LO
Parameter
Input High Voltage
Input Low Voltage
CMOS Input High Voltage
CMOS Input Low Voltage
Input Leakage Current
Test Conditions
V
CC = Max.
Mil.
V
IN = GND to VCC
Ind./Com’l.
V
CC = Max.,
Mil.
CE = V
IH,
Ind./Com’l.
V
OUT = GND to VCC
Min
2.2
–0.5(3)
V
CC –0.2
–0.5(3)
–10
–5
–10
–5
Max
V
CC +0.5
0.8
V
CC +0.5
0.2
+10
+5
+10
+5
Typ.
Commercial
–40°C to +85°C
0°C to +70°C
Unit
V
V
V
V
µA
µA
mA
mA
V
OL
Output Low Voltage
(TTL Load)
I
OL = +8 mA, VCC = Min.
0.4
V
Output High Voltage
(TTL Load)
V
OH
I
OH = –4 mA, VCC = Min.
2.4
V
Output Leakage Current
P4C1256L
___
___
30
n/a
10
n/a
___
___
Min
2.2
–0.5(3)
V
CC –0.2
–0.5(3)
–5
n/a
–5
n/a
Max
V
CC +0.5
0.8
V
CC +0.5
0.2
+5
n/a
+5
n/a
0.4
2.4
N/A = Not Applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com