Electronic Components Datasheet Search
  English  ▼

X  

P4C1256L Datasheet(PDF) 7 Page - Pyramid Semiconductor Corporation

Part # P4C1256L
Description  LOW POWER 32K x 8 STATIC CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1256L Datasheet(HTML) 7 Page - Pyramid Semiconductor Corporation

Back Button P4C1256L Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1256L Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1256L Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1256L Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1256L Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1256L Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1256L Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1256L Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C1256L Datasheet HTML 11Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
P4C1256L
Page 7 of 11
Document # SRAM121 REV E
DATA RETENTION CHARACTERISTICS
Symbol
V
DR
I
CCDR
t
CDR
t
R
†
Parameter
V
CC for Data Retention
Data Retention Current
Chip Deselect to
Data Retention Time
Operation Recovery Time
Test Conditons
CE
≥ V
CC –0.2V,
V
IN ≥ VCC –0.2V
or V
IN ≤ 0.2V
Min
2.0
0
t
RC
§
Typ.*
V
CC =
2.0V
3.0V
Max
V
CC =
2.0V
3.0V
Unit
10
15
600
900
V
µA
ns
ns
*T
A = +25°C
§t
RC = Read Cycle Time
† This parameter is guaranteed but not tested.
DATA RETENTION WAVEFORM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com