Electronic Components Datasheet Search
  English  ▼

X  

2SC5057 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SC5057
Description  Silicon NPN Triple Diffused Planar
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5057 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SC5057 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5057 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5057 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5057 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5057 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5057 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC5057
Silicon NPN Triple Diffused Planar
Application
HDTV horizontal deflection output
Features
• High breakdown voltage
V
CBO = 1700 V
Outline
1. Base
2. Collector
3. Emitter
TO-3PL
1
2
3


Similar Part No. - 2SC5057

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC505 ETC1-2SC505 Datasheet
79Kb / 1P
High Voltage Transistors
logo
Hitachi Semiconductor
2SC5050 HITACHI-2SC5050 Datasheet
24Kb / 5P
Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SC5050 RENESAS-2SC5050 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
logo
Hitachi Semiconductor
2SC5051 HITACHI-2SC5051 Datasheet
24Kb / 5P
Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SC5051 RENESAS-2SC5051 Datasheet
169Kb / 6P
Silicon NPN Epitaxial
More results

Similar Description - 2SC5057

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5250 HITACHI-2SC5250 Datasheet
71Kb / 5P
Silicon NPN Triple Diffused Planar
2SC5207A HITACHI-2SC5207A Datasheet
69Kb / 5P
SILICON NPN TRIPLE DIFFUSED PLANAR
2SC5251 HITACHI-2SC5251 Datasheet
35Kb / 6P
Silicon NPN Triple Diffused Planar
2SC5252 HITACHI-2SC5252 Datasheet
38Kb / 7P
Silicon NPN Triple Diffused Planar
2SC5219 HITACHI-2SC5219 Datasheet
35Kb / 6P
Silicon NPN Triple Diffused Planar
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Sanken electric
2SC4386 SANKEN-2SC4386 Datasheet
69Kb / 1P
SILICON NPN TRIPLE DIFFUSED PLANAR
2SC3856 SANKEN-2SC3856 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC5100 SANKEN-2SC5100 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com