Electronic Components Datasheet Search
  English  ▼

X  

MPC905 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # MPC905
Description  1:6 PCI Clock Generator/Fanout Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC905 Datasheet(HTML) 3 Page - Integrated Device Technology

  MPC905 Datasheet HTML 1Page - Integrated Device Technology MPC905 Datasheet HTML 2Page - Integrated Device Technology MPC905 Datasheet HTML 3Page - Integrated Device Technology MPC905 Datasheet HTML 4Page - Integrated Device Technology MPC905 Datasheet HTML 5Page - Integrated Device Technology MPC905 Datasheet HTML 6Page - Integrated Device Technology MPC905 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MPC905
TIMING SOLUTIONS
DL207 — Rev 0
3
MOTOROLA
AC CHARACTERISTICS (TA = 0–70°C; VDD = 3.3V ±0.3V)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
Fmax
Maximum Operating
Using External Crystal
Frequency
Using External Clock Source
–
DC
50
100
MHz
tpw
Output Pulse Width
HIGH (Above 2.0V)
LOW (Below 0.8V)
HIGH (Above 2.0V)
LOW (Below 0.8V)
0.40T1
0.40T1
0.45T2
0.45T2
0.60T1
0.60T1
0.55T2
0.55T2
T = Periods
tper
Output Period
T – 400ps
T = Desired Period
tos
Output-to-Output Skew
Rising Edges
Falling Edges
400
500
ps
tr, tf
Rise/Fall Times (Slew Rate)
1
4
V/ns
Series Terminated
Transmission Lines
tEN
Enable Time
Enable1
Enable2
5
4
ms
Cycles
tDIS
Disable Time
Enable1
Enable2
4
4
Cycles
Aosc
XTAL_IN to XTAL_OUT Oscillator Gain
6
db
Phase
Loop Phase Shift Modulo 360
° +
30
Degrees
1. Assuming input duty cycle specs from Recommended Operationg Conditions table are met.
2. Assuming external crystal or 50% duty cycle external reference is used.
Figure 1. Crystal Oscillator Interface
(Fundamental)
100
Ω
Pin 1
Pin 16
Y1
33.3333MHz
16pF
10pF
C1
C3
Figure 2. Crystal Oscillator Interface
(3rd Overtone)
CTRAP
Pin 1
Pin 16
Y1
11.1111MHz
16pF
10pF
C1
C3
LTRAP
fFUND +
1
2
p LTRAP CTRAP
Table 1. Crystal Specifications
Parameter
Value
Crystal Cut
Fundamental AT Cut
Resonance
Parallel Resonance*
Frequency Tolerance
±75ppm at 25°C
Frequency/Temperature Stability
±150pm 0 to 70°C
Operating Range
0 to 70
°C
Shunt Capacitance
5–7pF
Equivalent Series Resistance (ESR)
50 to 80
Ω
Correlation Drive Level
100
µW
Aging
5ppm/Yr (First 3 Years)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
MPC905
1:6 PCI Clock Generator/Fanout Buffer
NETCOM
IDT™ 1:6 PCI Clock Generator/Fanout Buffer
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MPC905
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com