Electronic Components Datasheet Search
  English  ▼

X  

MPC905 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # MPC905
Description  1:6 PCI Clock Generator/Fanout Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC905 Datasheet(HTML) 5 Page - Integrated Device Technology

  MPC905 Datasheet HTML 1Page - Integrated Device Technology MPC905 Datasheet HTML 2Page - Integrated Device Technology MPC905 Datasheet HTML 3Page - Integrated Device Technology MPC905 Datasheet HTML 4Page - Integrated Device Technology MPC905 Datasheet HTML 5Page - Integrated Device Technology MPC905 Datasheet HTML 6Page - Integrated Device Technology MPC905 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MPC905
TIMING SOLUTIONS
DL207 — Rev 0
5
MOTOROLA
shows a step in the waveform, this step is caused by the
impedance mismatch seen looking into the driver. The
parallel combination of the 40
Ω series resistor plus the output
impedance does not match the parallel combination of the
line impedances. The voltage wave launched down the two
lines will equal:
VL = VS ( Zo / Rs + Ro +Zo) = 3.0 (25/55) = 1.36V
At the load end the voltage will double, due to the near
unity reflection coefficient, to 2.73V. It will then increment
towards the quiescent 3.0V in steps separated by one round
trip delay (in this case 4.0ns).
Figure 5. Single versus Dual Waveforms
TIME (nS)
3.0
2.5
2.0
1.5
1.0
0.5
0
2
4
6
8
10
12
14
OutB
tD = 3.9386
OutA
tD = 3.8956
In
Since this step is well above the threshold region it will not
cause any false clock triggering, however designers may be
uncomfortable with unwanted reflections on the line. To
better match the impedances when driving multiple lines the
situation in Figure 6 should be used. In this case the series
terminating resistors are reduced such that when the parallel
combination is added to the output buffer impedance the line
impedance is perfectly matched.
Figure 6. Optimized Dual Line Termination
10
Ω
MPC905
OUTPUT
BUFFER
RS = 30Ω
ZO = 50Ω
RS = 30Ω
ZO = 50Ω
10
Ω + 30Ω k 30Ω = 50Ω k 50Ω
25
Ω = 25Ω
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
MPC905
1:6 PCI Clock Generator/Fanout Buffer
NETCOM
IDT™ 1:6 PCI Clock Generator/Fanout Buffer
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MPC905
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com