Electronic Components Datasheet Search
  English  ▼

X  

ECH8302 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ECH8302
Description  P-Channel Silicon MOSFET General-Purpose Switching Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8302 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ECH8302 Datasheet HTML 1Page - Sanyo Semicon Device ECH8302 Datasheet HTML 2Page - Sanyo Semicon Device ECH8302 Datasheet HTML 3Page - Sanyo Semicon Device ECH8302 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ECH8302
No.8247-1/4
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
22805PE TS IM TB-00000078
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
ECH8302
P-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
Features
•
Low ON-resistance.
•
4V drive.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--30
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--7
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
--40
A
Allowable Power Dissipation
PD
Mounted on a ceramic board (900mm2!0.8mm)
1.6
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0
--30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--30V, VGS=0
--1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.0
--2.4
V
Forward Transfer Admittance
yfs
VDS=--10V, ID=--3.5A
5.7
9.5
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--3.5A, VGS=--10V
19
25
m
Ω
RDS(on)2
ID=--2A, VGS=--4V
34
48
m
Ω
Input Capacitance
Ciss
VDS=--10V, f=1MHz
1400
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
310
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
230
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
13
ns
Rise Time
tr
See specified Test Circuit.
70
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
150
ns
Fall Time
tf
See specified Test Circuit.
90
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--10V, ID=--7A
28
nC
Gate-to-Source Charge
Qgs
VDS=--10V, VGS=--10V, ID=--7A
4.8
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--10V, VGS=--10V, ID=--7A
8.1
nC
Diode Forward Voltage
VSD
IS=--7A, VGS=0
--0.82
--1.2
V
Marking : JB
Ordering number : ENN8247


Similar Part No. - ECH8302

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ECH8304 SANYO-ECH8304 Datasheet
59Kb / 4P
ECH8304
ECH8305 SANYO-ECH8305 Datasheet
39Kb / 3P
General-Purpose Switching Device
ECH8305 SANYO-ECH8305 Datasheet
40Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device
logo
Panasonic Semiconductor
ECH8305 PANASONIC-ECH8305 Datasheet
607Kb / 20P
5 to 25 V, VOUT = 1.2 to 22 V, 2-channel DC-DC Controller IC with Step down regulation
2013-06-28
logo
Sanyo Semicon Device
ECH8305 SANYO-ECH8305_07 Datasheet
40Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device
More results

Similar Description - ECH8302

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SJ670 SANYO-2SJ670 Datasheet
42Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ660 SANYO-2SJ660 Datasheet
43Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ663 SANYO-2SJ663 Datasheet
42Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ665 SANYO-2SJ665 Datasheet
41Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device
EMH2302 SANYO-EMH2302 Datasheet
42Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3341 SANYO-CPH3341 Datasheet
38Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8305 SANYO-ECH8305_07 Datasheet
40Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8611 SANYO-ECH8611 Datasheet
42Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device
FSS174 SANYO-FSS174 Datasheet
43Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device
FW168 SANYO-FW168 Datasheet
44Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com