Electronic Components Datasheet Search
  English  ▼

X  

ECH8302 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ECH8302
Description  P-Channel Silicon MOSFET General-Purpose Switching Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8302 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ECH8302 Datasheet HTML 1Page - Sanyo Semicon Device ECH8302 Datasheet HTML 2Page - Sanyo Semicon Device ECH8302 Datasheet HTML 3Page - Sanyo Semicon Device ECH8302 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ECH8302
No.8247-3/4
--60
--40
--20
0
20
40
60
80
100
120
140
160
0
--2
--4
--6
--8
--10
--12
--14
--16
IT09330
70
60
50
40
30
20
10
0
70
60
50
40
30
20
10
0
IT09331
--0.1
--1.0
--10
23
5
5
77
3
2
3
2
10
100
7
5
7
5
3
2
5
IT09334
IT09332
--0.01
--0.1
--1.0
--10
23
5
5
77
23
5 7
23
10
1.0
0.1
3
7
7
5
3
2
5
3
2
2
IT09333
--0.1
--0.3
--0.5
--1.3
--0.7
--0.9
--1.1
0
--5
--10
--15
--20
--25
--30
--0.01
--0.1
--1.0
--10
7
5
3
2
7
5
3
2
7
5
3
2
2
7
2
5
3
2
3
IT09335
100
1000
IT09337
2
3
5
7
7
2
3
5
7
2
3
5
7
--1.0
--10
2
3
5
--0.1
--0.01
--0.1
--0.01
--1.0
--10
57
23
5 7
23
5 7
23
5
23
0
0
5
--10
IT09336
10
15
20
25
30
--1
--2
--3
--4
--5
--6
--7
--8
--9
VDS= --10V
ID= --7A
Ta=25
°C
ID= --3.5A
--2.0A
ID=
--2.0A,
VGS
= --
4V
ID= --
3.5A, VGS
= --10V
VDS= --10V
Ta=
--25
°C
75
°C
25
°C
VGS=0
VDD= --15V
VGS= --10V
td(off)
td(on)
tr
tf
Ciss
Coss
Crss
f=1MHz
IDP= --40A
ID= --7A
<10
µs
1ms
10ms
Operation in this
area is limited by RDS(on).
100ms
DC
operation
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
Drain Current, ID -- A
SW Time -- ID
Ciss, Coss, Crss -- VDS
Drain Current, ID -- A
yfs -- ID
Diode Forward Voltage, VSD -- V
IF -- VSD
Drain-to-Source Voltage, VDS -- V
A S O
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
VGS -- Qg
Ta=25
°C
Single pulse
Mounted on a ceramic board (900mm2!0.8mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com