Electronic Components Datasheet Search
  English  ▼

X  

PWT40 Datasheet(PDF) 2 Page - Electronic devices inc.

Part # PWT40
Description  MINIBRIDGE 30 AMPERES THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

PWT40 Datasheet(HTML) 2 Page - Electronic devices inc.

  PWT40 Datasheet HTML 1Page - Electronic devices inc. PWT40 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Figure 1
CURRENT DERATING
Figure 2
Figure 3
POWER DISSIP ATION
IF(AV). AVERAGE FORWARD CURRENT (AMP)
0
0
5
10
15
20
BRIDGE OUTPUT
RES.- IND. LOADS
0
5
10
40
60
80
100
120
140
160
3O BRIDGE OUTPUT
RES.-IND. LOADS
O
TC CASE TEMPERATURE
( C)
50
70
90
110
130
150
170
15
20
25
30
180
10
20
30
40
50
25
SCHEMATIC
NOTES: 1.Corrosionr esistant terminals designed for .250 female quick connector, wrap around or solder.
2. A thin film of silicone thermal compound is recommended between the Minibridge
case and mounting surface for improved thermal conduction.
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
Ee-mail:sales@edidiodes.com
Wwebsite: http://www.edidiodes.com
*
PWT
30
60
NON- REPETITIVE SURGE CURRENT
200
300
100
50
1
NUMBER OF CYCLES AT 60 C.P.S.
2
4
6
10
20
40
60
8
150
250
350
400
0
+
_
AC
AC
AC
. 4 0 6
0.6 MAX.
.032
.250 FASTON
(5) PLACES
.093 DIA.
HOLE
.75
0.5
1.50
MAX.
.312 TYP .
.312
TYP.
2.0
MAX.
.193 DIA.
THRU HOLE
(2) PLACES
AC
+
_
AC
AC
Figure 4
PWT SERIES MECH. OUTLINE
R
Dielectric test voltage 1500 V RMS max, 50-60 Hz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com