Electronic Components Datasheet Search
  English  ▼

X  

PWT40 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # PWT40
Description  MINIBRIDGE 30 AMPERES THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

PWT40 Datasheet(HTML) 1 Page - Electronic devices inc.

  PWT40 Datasheet HTML 1Page - Electronic devices inc. PWT40 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIBRIDGE
30 AMPERES
THREE-PHASE FULL-WAVE BRIDGES
HEAT SINK AND CHASSIS MOUNTING
PWT
EDI reserves the right to change these specifications at any time without notice
Max.Forward V oltage Drop VF =1.2 V @ I F =
12
Amp
Max. DC Reverse Current
@ PRV and 25
oC, IR
10
Max. DC Reverse Current
@ PRV and 100
oC, IR
100
Max. Peak Surge Current, IFSM(8.3ms)
400
Amp
Storage T emperature Range,
TSTG
- 55 to +175
oC
Thermal Resistance (T
otal Bridge), R 0 j-c
2.2typ.
oC/ W
-
A
A
PWT SERIES
PRV/Leg
50V
100V
200V
400V
600V
800V
1000V
1200V
Type No.
PWT05
PWT10
PWT20
PWT40
PWT60
PWT80
PWT100
PWT120
ELECTRICAL CHARACTERISTICS PER LEG
(at TA=25 C Unl es s Oth erw ise Spe ci fie d)
1400V
PWT140


Similar Part No. - PWT40

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PWT100 PANDUIT-PWT100 Datasheet
178Kb / 2P
Pan-Wrap Braided Sleeving
5/2015
PWT150 PANDUIT-PWT150 Datasheet
178Kb / 2P
Pan-Wrap Braided Sleeving
5/2015
PWT38 PANDUIT-PWT38 Datasheet
178Kb / 2P
Pan-Wrap Braided Sleeving
5/2015
PWT50 PANDUIT-PWT50 Datasheet
178Kb / 2P
Pan-Wrap Braided Sleeving
5/2015
PWT75 PANDUIT-PWT75 Datasheet
178Kb / 2P
Pan-Wrap Braided Sleeving
5/2015
More results

Similar Description - PWT40

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
BRUS3 EDI-BRUS3 Datasheet
75Kb / 2P
ULTRA-FAST RECOVERY 30 to35 AMPERES SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK CHASSIS PC BOARD MOUNTING
DY05F EDI-DY05F Datasheet
50Kb / 2P
12 AMPERES HIGH SURGE TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PBT05 EDI-PBT05 Datasheet
46Kb / 2P
27.5 AMPERES THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PBTR EDI-PBTR Datasheet
49Kb / 2P
FAST RECOVERY MINIBRIDGE 200 NANOSECOND RECOVERY 17 AMPERE THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PK05 EDI-PK05 Datasheet
50Kb / 2P
MINIBRIDGE 10 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PK-F EDI-PK-F Datasheet
52Kb / 2P
MINIBRIDGE 12 AMPERES-TAB TERMINALS SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PKR EDI-PKR Datasheet
53Kb / 2P
FAST RECOVERY MINIBRIDGE 8 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PKR-F EDI-PKR-F Datasheet
56Kb / 2P
FAST RECOVERY MINIBRIDGE 10 AMPERES-TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PT-F EDI-PT-F Datasheet
45Kb / 2P
MINIBRIDGE 8 AMPERES-TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PBT EDI-PBT Datasheet
47Kb / 2P
THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com