Electronic Components Datasheet Search
  English  ▼

X  

TLV3603MDBVTEP Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV3603MDBVTEP
Description  TLV3603-EP Enhanced Product 325MHz High-Speed Comparator with 2.5ns Propagation Delay
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3603MDBVTEP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV3603MDBVTEP Datasheet HTML 6Page - Texas Instruments TLV3603MDBVTEP Datasheet HTML 7Page - Texas Instruments TLV3603MDBVTEP Datasheet HTML 8Page - Texas Instruments TLV3603MDBVTEP Datasheet HTML 9Page - Texas Instruments TLV3603MDBVTEP Datasheet HTML 10Page - Texas Instruments TLV3603MDBVTEP Datasheet HTML 11Page - Texas Instruments TLV3603MDBVTEP Datasheet HTML 12Page - Texas Instruments TLV3603MDBVTEP Datasheet HTML 13Page - Texas Instruments TLV3603MDBVTEP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
5.7 Typical Characteristics (continued)
At TA = 25°C, VCC - VEE = 2.5V to 5V, VCM = 300mV, RHYST = 150kΩ, and input overdrive = 50mV, unless otherwise noted.
Input Voltage (V)
-0.2
0.3
0.8
1.3
1.8
2.3
2.8
3.3
-8
-6
-4
-2
0
2
4
6
8
-55
C
-40
C
25
C
85
C
125
C
Figure 5-15. Bias Current vs. Input Voltage, 3.3V
Input Voltage (V)
-0.2 0.3
0.8
1.3
1.8
2.3
2.8
3.3
3.8
4.3
4.8 5.2
-8
-6
-4
-2
0
2
4
6
8
-55
C
-40
C
25
C
85
C
125
C
Figure 5-16. Bias Current vs. Input Voltage, 5V
Output Sourcing Current (A)
100
1m
10m
1m
10m
100m
1
10
10
100m
-55
C
-40
C
25
C
85
C
125
C
Figure 5-17. Output Voltage vs. Output Sourcing Current, 2.5V
Output Sinking Current (A)
100
1m
10m
1m
10m
100m
1
10
100m
-55
C
-40
C
25
C
85
C
125
C
Figure 5-18. Output Voltage vs. Output Sinking Current, 2.5V
Output Sourcing Current (A)
100
1m
10m
1m
10m
100m
1
10
10
100m
-55
C
-40
C
25
C
85
C
125
C
Figure 5-19. Output Voltage vs. Output Sourcing Current, 3.3V
Output Sinking Current (A)
100
1m
10m
1m
10m
100m
1
10
10
100m
-55
C
-40
C
25
C
85
C
125
C
Figure 5-20. Output Voltage vs. Output Sinking Current, 3.3V
TLV3603-EP
SNOSDK3 – SEPTEMBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV3603-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com