Electronic Components Datasheet Search
  English  ▼

X  

BAE00LC Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BAE00LC
Description  Capacitive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAE00LC Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BAE00LC Datasheet HTML 1Page - Balluff Korea Ltd. BAE00LC Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Capacitive Sensors
BAE SA-CS-027-YI-BP00,3-GS04
Order Code: BAE00LC
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-02
Subject to change without notice: 234478
ETIM 6.0: EC002715
BAE00LC_1_2024-09-18
1 / 2
1) LED Power, 2) LED function indicator, 3) 4x operating keys, 4) LED N.C. function active, 5) 7x seven-segment display, 7)
Plug connection sensor, 8) DIN rail mount 35mm, 9) Flap
Basic features
Approval/Conformity
CE
UKCA
cULus
WEEE
Basic standard
IEC 60947-5-2
Series
BAE
Display/Operation
Adjuster
Key (4x)
Function indicator
yes
Power indicator
yes
Setting
External teach function
Dynamic function
Various switching modes
Teaching switchpoints
Time function on/off
Sensitivity (Sn)
Electrical connection
Cable diameter D
4.50 mm
Cable length L
0.3 m
Connection
M12x1-Male, 4-pin, A-coded
Number of pins
4
Polarity reversal protected
yes
Protection against device mix-ups
yes
Short-circuit protection
yes
Electrical data
Load capacitance max. at Ue
0.001 µF
No-load current Io max. at Ue
25 mA
Operating voltage Ub
18...30 VDC
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
50 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
200 ms
Residual current Ir max.
10 µA
Switching frequency
50 Hz
Utilization category
DC -13
Voltage drop Ud max. at Ie
2 V
Environmental conditions
Ambient temperature
-10...70 °C
IP rating
IP40
Functional safety
MTTF (40 °C)
403 a
IO-Link
IO-Link Profil IDs
0x0001 SSP0
IO-Link function classes
0x8000 Device Identification
0x8001 Binary Data Channel
0x8002 Process Data Variables
0x8003 Device Diagnosis
0x8004 Teach Commands
Supported IO-Link Profiles
Legacy Smart Sensor Profile


Similar Part No. - BAE00LC

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE00L9 BALLUFF-BAE00L9 Datasheet
115Kb / 2P
Capacitive Sensors
2024-09-18
BAE00LA BALLUFF-BAE00LA Datasheet
122Kb / 2P
Capacitive Sensors
2024-10-02
BAE00LJ BALLUFF-BAE00LJ Datasheet
170Kb / 3P
Switching Power Supplies
2.26_2021-05-03
More results

Similar Description - BAE00LC

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCS0179 BALLUFF-BCS0179 Datasheet
154Kb / 2P
Capacitive Sensors
BCS017H BALLUFF-BCS017H Datasheet
106Kb / 2P
Capacitive Sensors
BCS004K BALLUFF-BCS004K Datasheet
120Kb / 2P
Capacitive Sensors
BCS004M BALLUFF-BCS004M Datasheet
120Kb / 2P
Capacitive Sensors
BCS004T BALLUFF-BCS004T Datasheet
120Kb / 2P
Capacitive Sensors
BCS012T BALLUFF-BCS012T Datasheet
134Kb / 3P
Capacitive Sensors
BCS012U BALLUFF-BCS012U Datasheet
140Kb / 3P
Capacitive Sensors
BCS00PJ BALLUFF-BCS00PJ Datasheet
119Kb / 2P
Capacitive Sensors
BCS00PZ BALLUFF-BCS00PZ Datasheet
118Kb / 2P
Capacitive Sensors
BCS00TL BALLUFF-BCS00TL Datasheet
121Kb / 2P
Capacitive Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com