Electronic Components Datasheet Search
  English  ▼

X  

BAE00LC Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BAE00LC
Description  Capacitive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAE00LC Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BAE00LC Datasheet HTML 1Page - Balluff Korea Ltd. BAE00LC Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Capacitive Sensors
BAE SA-CS-027-YI-BP00,3-GS04
Order Code: BAE00LC
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-02
Subject to change without notice: 234478
ETIM 6.0: EC002715
BAE00LC_1_2024-09-18
2 / 2
Interface
Cycle time min.
10 ms
Interface
IO-Link 1.1
Switching output
PNP/NPN NO/NC programmable
Time function
On/off delay time programmable
Material
Cover cap material
PA
Cover material
PBT
Housing material
PBT
Material jacket
PUR
Mechanical data
Dimension
10.5 x 45 x 75.5 mm
Mounting part
DIN EN-50045 rail 15 mm
DIN EN-50022 rail 35 mm
Screw M3
Remarks
Please observe EMC-conformal cable routing. All measuring and norm vales in the data sheet are referenced to 2 m single-ended cordset.
max. load current: 50mA with UL approval, <50 to 100mA possible, but without UL approval
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com