Electronic Components Datasheet Search
  English  ▼

X  

CY2037AWAF Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2037AWAF
Description  High - Accuracy EPROM Programmable PLL Die for Crystal Oscillators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2037AWAF Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY2037AWAF Datasheet HTML 2Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 3Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 4Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 5Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 6Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 7Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 8Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 9Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CY2037
Document #: 38-07354 Rev. *D
Page 7 of 10
Output Clock Switching Characteristics Over the Operating Range[6]
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
t1w
Output Duty Cycle at
1.4V, VDD = 4.5–5.5V
t1w = t1A ÷ t1B
1–40 MHz, CL <=50 pF
40–66 MHz, CL <=15 pF
66–125 MHz, CL <=25 pF
125–133 MHz, CL <=15 pF
45
45
40
40
55
55
60
60
%
%
%
%
t1x
Output Duty Cycle at
VDD/2, VDD = 4.5–5.5V
t1x = t1A ÷ t1B
1–66.6 MHz, CL <=25 pF
66.6–125 MHz, CL <=25 pF
125–133 MHz, CL <=15 pF
45
40
40
55
60
60
%
%
%
t1y
Output Duty Cycle at
VDD/2, VDD = 3.0–3.6
t1y = t1A ÷ t1B
1–40 MHz, CL <=30 pF
40–100 MHz, CL <=15 pF
45
40
55
60
%
%
t1z
Output Duty Cycle at
VDD/2, VDD = 2.7–3.0
t1y = t1A ÷ t1B
1–40 MHz, CL <=15 pF
40–66.6 MHz, CL <=10 pF
40
40
60
60
%
%
t2
Output Clock Rise Time Between 0.8V–2.0V, VDD = 4.5V–5.5V, CL = 50 pF
Between 0.8V–2.0V, VDD = 4.5V–5.5V, CL = 25 pF
Between 0.8V–2.0V, VDD = 4.5V–5.5V, CL = 15 pF
Between 0.2VDD–0.8VDD, VDD = 4.5V–5.5V, CL = 50 pF
Between 0.2VDD–0.8VDD, VDD = 3.0V–3.6V, CL = 30 pF
Between 0.2VDD–0.8VDD, VDD = 2.7V–3.6V, CL = 15 pF
1.8
1.2
0.9
3.4
4.0
2.4
ns
ns
ns
ns
ns
ns
t3
Output Clock Fall Time
Between 0.8V–2.0V, VDD = 4.5V–5.5V, CL = 50 pF
Between 0.8V–2.0V, VDD = 4.5V–5.5V, CL = 25 pF
Between 0.8V–2.0V, VDD = 4.5V–5.5V, CL = 15 pF
Between 0.2VDD– 0.8VDD, VDD = 4.5V-5.5V, CL = 50 pF
Between 0.2VDD– 0.8VDD, VDD = 3.0V–3.6V, CL = 30 pF
Between 0.2VDD– 0.8VDD, VDD = 2.7V–3.6V, CL = 15 pF
1.8
1.2
0.9
3.4
4.0
2.4
ns
ns
ns
ns
ns
ns
t4
Start-up Time Out of
Power D own
PD# pin LOW to HIGH[7]
12
ms
t5a
Power Down Delay Time
(synchronous setting)
PD# pin LOW to output LOW
(T = period of Output clk)
T/2
T+10
ns
t5b
Power Down Delay Time
(asynchronous setting)
PD# pin LOW to output LOW
10
15
ns
t6
Power Up Time
From power on[7]
12
ms
t7a
Output Disable Time
(synchronous setting)
OE pin LOW to output Hi-Z
(T = period of output clk)
T/2
T+10
ns
t7b
Output Disable Time
(asynchronous setting)
OE pin LOW to output Hi-Z
10
15
ns
t8
Output Enable Time
(always synchronous
enable)
OE pin LOW to HIGH
(T = period of output clk)
T1.5T+2
5
ns
t9
Peak-to-Peak Period
Jitter
VDD = 4.5V–5.5V, Fo > 33 MHz, VCO > 100 MHz
VDD = 2.7V–3.6V, Fo > 33 MHz, VCO > 100 MHz
VDD = 2.7V–5.5V, Fo < 33 MHz
±100
±125
±250
±125
±200
1% of
FO
ps
ps
ps
Notes
6. Not all parameters measured in production testing.
7. Oscillator start time cannot be guaranteed for all crystal types. This specification is for operation with AT cut crystals with ESR < 70 ohms.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com