Electronic Components Datasheet Search
  English  ▼

X  

PM7339 Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM7339
Description  SATURN USER NETWORK INTERFACE CELL DELINEATION BLOCK
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7339 Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM7339 Datasheet HTML 35Page - PMC-Sierra, Inc PM7339 Datasheet HTML 36Page - PMC-Sierra, Inc PM7339 Datasheet HTML 37Page - PMC-Sierra, Inc PM7339 Datasheet HTML 38Page - PMC-Sierra, Inc PM7339 Datasheet HTML 39Page - PMC-Sierra, Inc PM7339 Datasheet HTML 40Page - PMC-Sierra, Inc PM7339 Datasheet HTML 41Page - PMC-Sierra, Inc PM7339 Datasheet HTML 42Page - PMC-Sierra, Inc PM7339 Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
RELEASED
PM7339 S/UNI-CDB
DATASHEET
PMC-2000313
ISSUE 2
SATURN USER NETWORK INTERFACE CELL DELINEATION BLOCK
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 37
8
FUNCTIONAL DESCRIPTION
8.1
SPLR PLCP Layer Receiver
The PLCP Layer Receiver (SPLR) Block integrates circuitry to support DS1 and
E1 PLCP frame processing. The SPLR provides framing for PLCP based
transmission formats.
The SPLR frames to DS1 and E1 based PLCP frames with maximum average
reframe times of 635 µs and 483 µs respectively. Framing is declared (out of
frame is removed) upon finding 2 valid, consecutive sets of framing (A1 and A2)
octets and 2 valid and sequential path overhead identifier (POHID) octets. While
framed, the A1, A2, and POHID octets are examined. OOF is declared when an
error is detected in both the A1 and A2 octets or when 2 consecutive POHID
octets are found in error. LOF is declared when an OOF state persists for more
than 25 ms, 1 ms, 20 ms, or 1 ms for DS1 and E1 PLCP formats respectively. If
the OOF events are intermittent, the LOF counter is decremented at a rate 1/10
(E1, DS1 PLCP) of the incrementing rate. LOF is thus removed when an in-
frame state persists for more than 250 ms for a DS1 signal or 200 ms for an E1
signal. When LOF is declared, PLCP reframe is initiated.
When in frame, the SPLR extracts the path overhead octets and outputs them bit
serially on output RPOH, along with the RPOHCLK and RPOHFP outputs.
Framing octet errors and path overhead identifier octet errors are indicated as
frame errors. Bit interleaved parity errors and far end block errors are indicated.
The yellow signal bit is extracted and accumulated to indicate yellow alarms.
Yellow alarm is declared when 10 consecutive yellow signal bits are set to logical
1; it is removed when 10 consecutive received yellow signal bits are set to logical
0. The C1 octet is examined to maintain nibble alignment with the incoming
transmission system sublayer bit stream.
8.2
ATMF ATM Cell Delineator
The ATM Cell Delineator (ATMF) Block integrates circuitry to support HCS-based
cell delineation for non-PLCP based transmission formats. The ATMF block
accepts a bit serial cell stream from an upstream transmission system sublayer
entity and performs cell delineation to locate the cell boundaries. For PLCP
applications, ATM cell positions are fixed relative to the PLCP frame, but the
ATMF still performs cell delineation to locate the cell boundaries.
Cell delineation is the process of framing to ATM cell boundaries using the
header check sequence (HCS) field found in the ATM cell header. The HCS is a
CRC-8 calculation over the first 4 octets of the ATM cell header. When



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com