Electronic Components Datasheet Search
  English  ▼

X  

LA6565VR Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA6565VR
Description  Monolithic Linear IC Five-Channel CD Actuator Driver (BTL: 4 channels, H bridge: 1 channel)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6565VR Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA6565VR Datasheet HTML 1Page - Sanyo Semicon Device LA6565VR Datasheet HTML 2Page - Sanyo Semicon Device LA6565VR Datasheet HTML 3Page - Sanyo Semicon Device LA6565VR Datasheet HTML 4Page - Sanyo Semicon Device LA6565VR Datasheet HTML 5Page - Sanyo Semicon Device LA6565VR Datasheet HTML 6Page - Sanyo Semicon Device LA6565VR Datasheet HTML 7Page - Sanyo Semicon Device LA6565VR Datasheet HTML 8Page - Sanyo Semicon Device LA6565VR Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LA6565VR
No.A0816-4/9
Pin Functions
Pin No.
Pin Name
Description
1
FWD
LOADING output changeover pin (FWD), LOADING logic input
2
REV
LOADING output changeover pin (REV), LOADING logic input
3
VCC2
LOADING power-stage power supply for channel 3 and 4
4
NC
-
5
VLO-
Loading output (-)
6
VLO+
Loading output (+)
7
VO4+
Output pin (+) for channel 4
8
VO4-
Output pin (-) for channel 4
9
VO3+
Output pin (+) for channel 3
10
VO3-
Output pin (-) for channel 3
11
PGND2
Power system GND
12
PGND1
Power system GND
13
VO2+
Output pin (+) for channel 2
14
VO2-
Output pin (-) for channel 2
15
VO1-
Output pin (+) for channel 1
16
VO1+
Output pin (-) for channel 1
17
NC
-
18
VCCP1
Power-stage power supply for channel 1 and 2
19
VCCS
Signal system power supply
20
VIN1+
Input pin for channel 1, Input OP-AMP (+) input
21
VIN1-
Input pin for channel 1, Input OP-AMP (-) input
22
VIN1
Input pin for channel 1, Input OP-AMP output
23
NC
-
24
VIN2+
Input pin for channel 2, Input OP-AMP (+) input
25
VIN2-
Input pin for channel 2, Input OP-AMP (-) input
26
VIN2
Input pin for channel 2, Input OP-AMP output
27
NC
-
28
VIN3-
Input pin for channel 3, Input OP-AMP (-) input
29
VIN3
Input pin for channel 3, Input OP-AMP output
30
VO_OP
OP-AMP, output pin
31
VIN-OP
OP-AMP, (-) input pin
32
VIN+OP
OP-AMP, (+) input pin
33
REG_IN
Regulator, error AMP output pin. Base to external PNP transistor connected
34
NC
-
35
REG_OUT
Regulator, error AMP input pin (+)
36
VREF_OUT
VREF_AMP (voltage follower) output pin
37
VREF_IN
VREF input pin. Input the external reference voltage
38
VIN4
Input pin for channel 4, Input OP-AMP output
39
NC
-
40
VIN4-
Input pin for channel 4, Input OP-AMP (-) input
41
MUTE234
Output ON/OFF pin for channel 2, 3 and 4
42
MUTE1
Output ON/OFF pin for channel 1
43
VCONT
LOADING output (H voltage) setting pin
44
S_GND
Signal system GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com