Electronic Components Datasheet Search
  English  ▼

X  

LA6565VR Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA6565VR
Description  Monolithic Linear IC Five-Channel CD Actuator Driver (BTL: 4 channels, H bridge: 1 channel)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6565VR Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA6565VR Datasheet HTML 1Page - Sanyo Semicon Device LA6565VR Datasheet HTML 2Page - Sanyo Semicon Device LA6565VR Datasheet HTML 3Page - Sanyo Semicon Device LA6565VR Datasheet HTML 4Page - Sanyo Semicon Device LA6565VR Datasheet HTML 5Page - Sanyo Semicon Device LA6565VR Datasheet HTML 6Page - Sanyo Semicon Device LA6565VR Datasheet HTML 7Page - Sanyo Semicon Device LA6565VR Datasheet HTML 8Page - Sanyo Semicon Device LA6565VR Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LA6565VR
No.A0816-5/9
Pin Description
Pin No.
Pin Name
Pin Name
Description
Equivalent Circuit Diagram Description
20
21
22
24
25
26
28
29
38
40
32
31
30
VIN1+
VIN1-
VIN1
VIN2+
VIN2-
VIN2
VIN3-
VIN3
VIN4-
VIN4
VIN+OP
VIN-OP
VO_OP
Input
(CH1 to 4)
Inputs (channels 1 to 4 and the
independent operational amplifier)
1
2
FWD
REV
Input
(H bridge)
Logic inputs
The IC is set to one of four modes,
forward, reverse, brake, and free
running by the combination of high and
low values applied to these pins.
16
15
13
14
9
10
7
8
VO1+
VO1-
VO2+
VO2-
VO3+
VO3-
VO4+
VO4-
Output
(BTL-AMP)
Channel 1 to 4 outputs
5
6
43
VLO-
VLO+
VCONT
Output
(H bridge)
H bridge (loading) output and loading
output setting
41
42
MUTE234
MUTE1
MUTE
BTL amplifier output on/off state
setting.
High: output on
Low: output off
FWD
REV
SGND
RF
SGND
VCCS
VIN*+
VIN*-
VIN*
300
Ω
300
Ω
300
Ω
VCCP*
VO*
FR
VLO+
VLO-
VCCP2
VCONT
20k
Ω
20k
Ω
1k
Ω
1k
Ω
MUTE*
SGND
VCCS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com