Electronic Components Datasheet Search
  English  ▼

X  

CDX4ACT174 Datasheet(PDF) 10 Page - Texas Instruments

Part # CDX4ACT174
Description  CDx4ACT174 Hex D-Type Flip-Flops with Clear
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDX4ACT174 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDX4ACT174 Datasheet HTML 6Page - Texas Instruments CDX4ACT174 Datasheet HTML 7Page - Texas Instruments CDX4ACT174 Datasheet HTML 8Page - Texas Instruments CDX4ACT174 Datasheet HTML 9Page - Texas Instruments CDX4ACT174 Datasheet HTML 10Page - Texas Instruments CDX4ACT174 Datasheet HTML 11Page - Texas Instruments CDX4ACT174 Datasheet HTML 12Page - Texas Instruments CDX4ACT174 Datasheet HTML 13Page - Texas Instruments CDX4ACT174 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Power Supply Recommendations
The power supply can be any voltage between the min and max supply voltage rating located in Section 5.3.
Each VCC terminal should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, TI recommends 0.1 µF and if there are multiple VCC terminals, then TI recommends .01 µF or .022 µF
for each power terminal. It is okay to parallel multiple bypass capacitors to reject different frequencies of noise. A
0.1 µF and 1 µF are commonly used in parallel. The bypass capacitor should be installed as close to the power
terminal as possible for best results.
8.2 Layout
8.2.1 Layout Guidelines
When using multiple bit logic devices inputs should not ever float.
In many cases, functions or parts of functions of digital logic devices are unused, for example, when only two
inputs of a triple-input AND gate are used or only 3 of the 4 buffer gates are used. Such input pins should not
be left unconnected because the undefined voltages at the outside connections result in undefined operational
states. Specified below are the rules that must be observed under all circumstances. All unused inputs of digital
logic devices must be connected to a high or low bias to prevent them from floating. The logic level that should
be applied to any particular unused input depends on the function of the device. Generally they will be tied to
GND or VCC whichever make more sense or is more convenient. It is generally okay to float outputs unless the
part is a transceiver. If the transceiver has an output enable pin it will disable the outputs section of the part when
asserted. This does not disable the input section of the IOs so they cannot float when disabled.
8.2.2 Layout Example
1
2
3
4
5
6
7
16
15
14
13
12
11
10
GND
VCC
0.1
F
Unused input
tied to GND
Bypass capacitor
placed close to the
device
Avoid 90°
corners for
signal lines
Recommend GND flood fill for
improved signal isolation, noise
reduction, and thermal dissipation
Unused output
left floating
8
9
CLR
1Q
1D
2D
2Q
3D
3Q
GND
VCC
6Q
6D
5D
5Q
4D
4Q
CLK
Figure 8-1. Layout Example for the CDx4ACT174
CD54ACT174, CD74ACT174
SCHS344B – APRIL 2003 – REVISED OCTOBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54ACT174 CD74ACT174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com