Electronic Components Datasheet Search
  English  ▼

X  

CDX4ACT174 Datasheet(PDF) 11 Page - Texas Instruments

Part # CDX4ACT174
Description  CDx4ACT174 Hex D-Type Flip-Flops with Clear
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDX4ACT174 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDX4ACT174 Datasheet HTML 7Page - Texas Instruments CDX4ACT174 Datasheet HTML 8Page - Texas Instruments CDX4ACT174 Datasheet HTML 9Page - Texas Instruments CDX4ACT174 Datasheet HTML 10Page - Texas Instruments CDX4ACT174 Datasheet HTML 11Page - Texas Instruments CDX4ACT174 Datasheet HTML 12Page - Texas Instruments CDX4ACT174 Datasheet HTML 13Page - Texas Instruments CDX4ACT174 Datasheet HTML 14Page - Texas Instruments CDX4ACT174 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
9 Device and Documentation Support
9.1 Documentation Support (Analog)
9.1.1 Related Documentation
The table below lists quick access links. Categories include technical documents, support and community
resources, tools and software, and quick access to sample or buy.
Table 9-1. Related Links
PARTS
PRODUCT
FOLDER
SAMPLE & BUY
TECHNICAL
DOCUMENTS
TOOLS &
SOFTWARE
SUPPORT &
COMMUNITY
CD54ACT174
Click here
Click here
Click here
Click here
Click here
CD74ACT174
Click here
Click here
Click here
Click here
Click here
9.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
9.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
9.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
9.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (April 2024) to Revision B (October 2024)
Page
• Added BQB and PW packages to Device Information table, Pin Configuration and Functions section, and
Thermal Information table...................................................................................................................................1
Changes from Revision * (April 2003) to Revision A (April 2024)
Page
• Added Device Information table, Pin Functions table, ESD Ratings table, Thermal Information table, Device
Functional Modes, Application and Implementation section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ............................................................................. 1
• Updated RθJA values: D = 73 to 106.6, all values in °C/W ...............................................................................4
www.ti.com
CD54ACT174, CD74ACT174
SCHS344B – APRIL 2003 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: CD54ACT174 CD74ACT174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com