Electronic Components Datasheet Search
  English  ▼

X  

RHA005 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RHA005
Description  Pre-Charge and Discharge, Chassis Mount Wirewound Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RHA005 Datasheet(HTML) 2 Page - Vishay Siliconix

  RHA005 Datasheet HTML 1Page - Vishay Siliconix RHA005 Datasheet HTML 2Page - Vishay Siliconix RHA005 Datasheet HTML 3Page - Vishay Siliconix RHA005 Datasheet HTML 4Page - Vishay Siliconix RHA005 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RHA
www.vishay.com
Vishay Dale
Revision: 22-Feb-2022
2
Document Number: 30406
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
POWER RATING
Vishay RH resistor wattage ratings are based on mounting to the following heat sink:
GLOBAL
MODEL
DIMENSIONS in inches [millimeters]
AB
C
D
E
F
G
H
J
K
L
M
N
P
RHA005
0.444
± 0.005
[11.28
± 0.127]
0.490
± 0.005
[12.45
± 0.127]
0.600
± 0.030
[15.24
± 0.787]
1.125
± 0.062
[28.58
± 1.57]
0.334
± 0.015
[8.48
± 0.381]
0.646
± 0.015
[16.41
± 0.381]
0.320
± 0.015
[8.13
± 0.381]
0.065
± 0.010
[1.65
± 0.254]
0.133
± 0.010
[3.38
± 0.254]
0.078
± 0.010
[1.98
± 0.254]
0.093
± 0.005
[2.36
± 0.127]
0.078
± 0.015
[1.98
± 0.381]
0.050
± 0.005
[1.27
± 0.127]
0.266
± 0.062
[6.76
± 1.57]
RHA010
0.562
± 0.005
[14.27
± 0.127]
0.625
± 0.005
[15.88
± 0.127]
0.750
± 0.031
[19.05
± 0.787]
1.375
± 0.062
[34.93
± 1.57]
0.420
± 0.015
[10.67
± 0.381]
0.800
± 0.015
[20.32
± 0.381]
0.390
± 0.015
[9.91
± 0.381]
0.075
± 0.010
[1.91
± 0.254]
0.165
± 0.010
[4.19
± 0.254]
0.093
± 0.010
[2.36
± 0.254]
0.094
± 0.005
[2.39
± 0.127]
0.102
± 0.015
[2.59
± 0.381]
0.085
± 0.005
[2.16
± 0.127]
0.312
± 0.062
[7.92
± 1.57]
RHA025
0.719
± 0.005
[18.26
± 0.127]
0.781
± 0.005
[19.84
± 0.127]
1.062
± 0.031
[26.97
± 0.787]
1.938
± 0.062
[49.23
± 1.57]
0.550
± 0.015
[13.97
± 0.381]
1.080
± 0.015
[27.43
± 0.381]
0.546
± 0.015
[13.87
± 0.381]
0.075
± 0.010
[1.91
± 0.254]
0.231
± 0.010
[5.87
± 0.254]
0.172
± 0.010
[4.37
± 0.254]
0.125
± 0.005
[3.18
± 0.127]
0.115
± 0.015
[2.92
± 0.381]
0.085
± 0.005
[2.16
± 0.127]
0.438
± 0.062
[11.13
± 1.57]
RHA050
1.562
± 0.005
[39.67
± 0.127]
0.844
± 0.005
[21.44
± 0.127]
1.968
± 0.031
[49.99
± 0.787]
2.781
± 0.062
[70.64
± 1.57]
0.630
± 0.015
[16.00
± 0.381]
1.140
± 0.015
[28.96
± 0.381]
0.610
± 0.015
[15.49
± 0.381]
0.088
± 0.010
[2.24
± 0.254]
0.260
± 0.010
[6.60
± 0.254]
0.196
± 0.010
[4.98
± 0.254]
0.125
± 0.005
[3.18
± 0.127]
0.107
± 0.015
[2.72
± 0.381]
0.085
± 0.005
[2.16
± 0.127]
0.438
± 0.062
[11.13
± 1.57]
RHA005 and RHA010: 4" x 6" x 2" x 0.040" thick aluminum chassis (129 sq. in. surface area)
RHA025:
5" x 7" x 2" x 0.040" thick aluminum chassis (167 sq. in. surface area)
RHA050:
12" x 12" x 0.059" thick aluminum panel (291 sq. in. surface area)
FREE AIR POWER RATING
GLOBAL MODEL
RHA005
RHA010
RHA025
RHA050
W at 25 °C
4.5
7.5
12.5
20
P
D
C
A
L
M
N
J
F
E
H
G
K
B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com