Electronic Components Datasheet Search
  English  ▼

X  

RHA005 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RHA005
Description  Pre-Charge and Discharge, Chassis Mount Wirewound Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RHA005 Datasheet(HTML) 3 Page - Vishay Siliconix

  RHA005 Datasheet HTML 1Page - Vishay Siliconix RHA005 Datasheet HTML 2Page - Vishay Siliconix RHA005 Datasheet HTML 3Page - Vishay Siliconix RHA005 Datasheet HTML 4Page - Vishay Siliconix RHA005 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RHA
www.vishay.com
Vishay Dale
Revision: 22-Feb-2022
3
Document Number: 30406
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
AMBIENT TEMPERATURE DERATING
Derating is required for ambient temperatures above 25 °C, see the following graph.
Curves A, B, C apply to operation of unmounted resistors. Curve D applies to all types when mounted to specified heat sink.
A = RHA005 and RHA010 size resistor, unmounted
B = RHA025 size resistor, unmounted
C = RHA050 size resistor, unmounted
D = All types mounted to recommended aluminum heat sink
REDUCED HEAT SINK DERATING
Derating is also required when recommended heat sink area is reduced.
A = RHA005 and RHA010 size resistor
B = RHA025 size resistor
C = RHA050 size resistor
AMBIENT TEMPERATURE IN °C
25
120
A
C
D
B
0
20
40
60
80
100
-55 -50
0
50
150
250
0
100
80
60
40
20
0
100
90
80
70
60
50
40
30
20
10
% OF RECOMMENDED HEAT SINK AREA
C
B
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com