Electronic Components Datasheet Search
  English  ▼

X  

LA74308LP Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA74308LP
Description  Monolithic Linear IC Audio Interface for DSC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA74308LP Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA74308LP Datasheet HTML 1Page - Sanyo Semicon Device LA74308LP Datasheet HTML 2Page - Sanyo Semicon Device LA74308LP Datasheet HTML 3Page - Sanyo Semicon Device LA74308LP Datasheet HTML 4Page - Sanyo Semicon Device LA74308LP Datasheet HTML 5Page - Sanyo Semicon Device LA74308LP Datasheet HTML 6Page - Sanyo Semicon Device LA74308LP Datasheet HTML 7Page - Sanyo Semicon Device LA74308LP Datasheet HTML 8Page - Sanyo Semicon Device LA74308LP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
82907 TI IM 20060927-S00005 No.A0898-1/16
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
LA74308LP
Overview
The LA74308LP is a SPEAKER AMP and MIC AMP built-in audio interface for DSC.
It incorporates an 8/16kHz trap and supports CODECs with a sampling rate of 8kHz or 16kHz.
Features
• Three-wire type SERIAL communication
• MIC AMP
• MIC power supply incorporated (with built-in pull-up resistor)
• ALC AMP
• 4th order LPF + trap (compatible with REC/PB changeover, trap frequency selectable from 8kHz and 16kHz)
• SPEAKER AMP (The BEEP signal can be mixed.), with electronic VOLUME (controlled by serial communication)
• LINE output (with SERIAL MUTE and MUTE transistor)
• STANDBY control
Specifications
Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
5.0
V
Allowable power dissipation
Pd max
Ta
≤85°C *
500
mW
Operating temperature
Topr
-10 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Printed circuit board mounting condition (40mm × 50mm × 0.8mm: glass epoxy) 2S2P (Four layers printed circuit board)
Ordering number : ENA0898
Monolithic Linear IC
Audio Interface for DSC


Similar Part No. - LA74308LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA74308LP SANYO-LA74308LP Datasheet
204Kb / 16P
Audio Interface for DSC
LA74308LP SANYO-LA74308LP_08 Datasheet
204Kb / 16P
Audio Interface for DSC
More results

Similar Description - LA74308LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2335M SANYO-LA2335M Datasheet
69Kb / 4P
Monolithic Linear IC For Audio Equipment Control Transceiver IC
LA73073CL SANYO-LA73073CL Datasheet
241Kb / 6P
Monolithic Linear IC Video Driver for DSC
LA73074CL SANYO-LA73074CL Datasheet
80Kb / 6P
Monolithic Linear IC Video Driver for DSC/Cell Phone
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
LA73079CL SANYO-LA73079CL Datasheet
80Kb / 6P
Monolithic Linear IC Video Driver for DSC
LA74310LP SANYO-LA74310LP Datasheet
282Kb / 22P
Monolithic Linear IC Audio Interface for DSC Video Driver
LA74302FN SANYO-LA74302FN Datasheet
152Kb / 12P
Monolithic Linear IC Audio Interface for DSC
LA74303FN SANYO-LA74303FN Datasheet
215Kb / 18P
Monolithic Linear IC Audio Interface for DSC
LA74308LP SANYO-LA74308LP_08 Datasheet
204Kb / 16P
Audio Interface for DSC
LA74310LP SANYO-LA74310LP_08 Datasheet
227Kb / 22P
Audio Interface for DSC Video Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com