Electronic Components Datasheet Search
  English  ▼

X  

LA74308LP Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA74308LP
Description  Monolithic Linear IC Audio Interface for DSC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA74308LP Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA74308LP Datasheet HTML 1Page - Sanyo Semicon Device LA74308LP Datasheet HTML 2Page - Sanyo Semicon Device LA74308LP Datasheet HTML 3Page - Sanyo Semicon Device LA74308LP Datasheet HTML 4Page - Sanyo Semicon Device LA74308LP Datasheet HTML 5Page - Sanyo Semicon Device LA74308LP Datasheet HTML 6Page - Sanyo Semicon Device LA74308LP Datasheet HTML 7Page - Sanyo Semicon Device LA74308LP Datasheet HTML 8Page - Sanyo Semicon Device LA74308LP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LA74308LP
No.A0898-5/16
POWER ON RESET Condition (SERIAL communication)
The POWER ON RESET state covers a period up to the rise
of the second C.S. input after fall
of POWER ON
PULSE
generated inside IC when the power is supplied and the STANDBY control is canceled.
is the dummy
communication.
Actually, because of delay of several hundreds ns in the IC, the first DATA condition begins in
and the normal
SERIAL communication condition begins after
.
HIGH period for about 2ms
Delay of several
hundreds ns
SERIAL communication
condition
(First DATA hold)
(First C.S.)
Dummy communication
Power Supply
H
L
STANDBY control
(Pin 3)
HIGH to cancel STANDBY
H
L
POWER ON PULSE
(Signal inside IC)
H
L
C.S.
(Pin 6)
H
L
H
L
POWER ON RESET
(IC inside)
POWER ON RESET (default) state
Data
(Pin 8)
H
L
Clock
(Pin 7)
H
L
Dummy Data
First Data
(Second C.S.)
First DATA communication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com