Electronic Components Datasheet Search
  English  ▼

X  

LB1838JM Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1838JM
Description  Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1838JM Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1838JM Datasheet HTML 1Page - Sanyo Semicon Device LB1838JM Datasheet HTML 2Page - Sanyo Semicon Device LB1838JM Datasheet HTML 3Page - Sanyo Semicon Device LB1838JM Datasheet HTML 4Page - Sanyo Semicon Device LB1838JM Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
91207 MS PC 20070831-S00003 No.A0927-1/5
LB1838JM
Overview
The LB1838JM is a low-saturation two-channel bidirectional motor driver IC for use in low-voltage applications.
It has a wide operating temperature range of -40 to 80
°C and is ideal for 2-phase excitation bipolar stepping motor driver
IC used in automotive components (other than critical safety parts), consumer and industrial products, and many other
applications.
Features
• Low voltage operation (2.5V min)
• Low saturation voltage (upper transistor + lower transistor residual voltage ; 0.40V typ at 400mA).
• Through-current prevention circuit built in
• Separate logic power supply and motor power supply
• Spark killer diodes built in
• Thermal shutdown circuit built in
• Compact package (14-pin MFP)
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC max
-0.3 to +10.5
V
Maximum supply voltage
VS max
-0.3 to +10.5
V
Output supply voltage
VOUT
VS to VSF
V
Input supply voltage
VIN
-0.3 to +10
V
GNP pin flow-out current
IGND
Per channel
1.0
A
Pd max1
Independent IC
550
mW
Allowable power dissipation
Pd max2
* Mounted on a board.
800
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Mounted on a substrate : 30
×30×1.5mm3, glass epoxy board.
Monolithic Digital IC
Low-Saturation Bidirectional Motor Driver
for Low-Voltage Drive
Ordering number : ENA0927


Similar Part No. - LB1838JM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1838JM SANYO-LB1838JM Datasheet
157Kb / 5P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
logo
ON Semiconductor
LB1838JM ONSEMI-LB1838JM Datasheet
72Kb / 5P
Low-Saturation Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1838JM SANYO-LB1838JM_10 Datasheet
157Kb / 5P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
More results

Similar Description - LB1838JM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1836M SANYO-LB1836M_10 Datasheet
132Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1838JM SANYO-LB1838JM_10 Datasheet
157Kb / 5P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1638MC SANYO-LB1638MC Datasheet
115Kb / 4P
Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1846MC SANYO-LB1846MC Datasheet
154Kb / 4P
Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1848MC SANYO-LB1848MC Datasheet
150Kb / 6P
Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1930MC SANYO-LB1930MC Datasheet
101Kb / 5P
Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1836M SANYO-LB1836M_12 Datasheet
127Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
logo
ON Semiconductor
LB1836M ONSEMI-LB1836M Datasheet
76Kb / 6P
Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
LB1836M-MPB-E ONSEMI-LB1836M-MPB-E Datasheet
76Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
LB1836M-TLM-E ONSEMI-LB1836M-TLM-E Datasheet
76Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com