Electronic Components Datasheet Search
  English  ▼

X  

LB1838JM Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1838JM
Description  Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1838JM Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1838JM Datasheet HTML 1Page - Sanyo Semicon Device LB1838JM Datasheet HTML 2Page - Sanyo Semicon Device LB1838JM Datasheet HTML 3Page - Sanyo Semicon Device LB1838JM Datasheet HTML 4Page - Sanyo Semicon Device LB1838JM Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LB1838JM
No.A0927-2/5
Allowable Operating Ranges at Ta
= 25°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC
2.5 to 9.0
V
Supply voltage
VS
1.8 to 9.0
V
Input high-level voltage
VIH
1.8 to 9.0
V
Input low-level voltage
VIL
-0.3 to +0.7
V
Electrical Characteristics at Ta
= 25°C, VCC = 3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC0
EMA1, 2 = 0V, VIN1 = 3V or 0V
0.1
10
µA
Supply current
ICC1
EMA1 = 3V, VIN1 = 3V or 0V
12
18
mA
VOUT1
EMA1 = 3V, VIN1 = 3V or 0V, IOUT = 200mA
0.20
0.28
V
Output saturation voltage
VOUT2
EMA1 = 3V, VIN1 = 3V or 0V, IOUT = 400mA
0.40
0.60
V
IIN
VCC = 6V, VIN = 6V
200
µA
Input current
IENA
VCC = 6V, ENA = 6V
200
µA
Output sustaining voltage
VO (SUS)
IOUT = 400mA
9
V
Spark killer diode
Reverse current
IS (leak)
VCC1, VS = 7V
30
µA
Forward voltage
VSF
IOUT = 400mA
1.7
V
Package Dimensions
unit : mm (typ)
3111A
Pin Assignment
Note) Ground both GND pins.
SANYO : MFP14S(225mil)
1
14
7
8
8.0
0.15
(1.0)
1.0
0.35
14
1
13
2
12
3
11
4
10
5
9
6
8
7
LB1838JM
Top view
416
286
Pd max -- Ta
Ambient temperature, Ta – °C
0
800
600
550
400
200
1000
– 40
– 20
8085
60
2025
40
0100
Independent IC
Mounted on a board : 30.0
×30.0×1.5mm3
glass epoxy
Mounted on a board



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com