Electronic Components Datasheet Search
  English  ▼

X  

SN54HC86 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC86
Description  SNx4HC86 Quadruple 2-Input XOR Gates
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC86 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC86 Datasheet HTML 1Page - Texas Instruments SN54HC86 Datasheet HTML 2Page - Texas Instruments SN54HC86 Datasheet HTML 3Page - Texas Instruments SN54HC86 Datasheet HTML 4Page - Texas Instruments SN54HC86 Datasheet HTML 5Page - Texas Instruments SN54HC86 Datasheet HTML 6Page - Texas Instruments SN54HC86 Datasheet HTML 7Page - Texas Instruments SN54HC86 Datasheet HTML 8Page - Texas Instruments SN54HC86 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
SNx4HC86 Quadruple 2-Input XOR Gates
1 Features
• Buffered inputs
• Wide operating voltage range: 2 V to 6 V
• Wide operating temperature range:
–40°C to +85°C
• Supports fanout up to 10 LSTTL loads
• Significant power reduction compared to LSTTL
logic ICs
2 Applications
• Detect phase differences in input signals
• Create a selectable inverter / buffer
3 Description
This device contains four independent 2-input XOR
gates. Each gate performs the Boolean function
Y = A
⊕ B in positive logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74HC86D
SOIC (14)
8.70 mm × 3.90 mm
SN74HC86N
PDIP (14)
19.30 mm × 6.40 mm
SN74HC86NS
SO (14)
10.20 mm × 5.30 mm
SN74HC86PW
TSSOP (14)
5.00 mm × 4.40 mm
SN54HC86J
CDIP (14)
21.30 mm × 7.60 mm
SN54HC86W
CFP (14)
9.20 mm × 6.29 mm
SN54HC86FK
LCCC (20)
8.90 mm × 8.90 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
1B
1A
1Y
2A
2B
2Y
GND
4B
VCC
4A
4Y
3B
3A
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Functional pinout
www.ti.com
SN74HC86, SN54HC86
SCLS100F – DECEMBER 1982 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: SN74HC86 SN54HC86
SN74HC86, SN54HC86
SCLS100F – DECEMBER 1982 – REVISED APRIL 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN54HC86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC86 TI-SN54HC86 Datasheet
497Kb / 14P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI-SN54HC86 Datasheet
642Kb / 16P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI1-SN54HC86 Datasheet
1Mb / 20P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI2-SN54HC86 Datasheet
680Kb / 23P
SN74HC86-Q1 Automotive Quadruple 2-Input XOR Gates
REVISED APRIL 2020
SN54HC86FK TI-SN54HC86FK Datasheet
497Kb / 14P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results

Similar Description - SN54HC86

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74HCT32 DIODES-74HCT32 Datasheet
296Kb / 8P
QUADRUPLE 2-INPUT OR GATES
Rev 3
74HCT08 DIODES-74HCT08 Datasheet
299Kb / 8P
QUADRUPLE 2-INPUT AND GATES
Rev 3
74AHCT00 DIODES-74AHCT00 Datasheet
288Kb / 8P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
logo
Aeroflex Circuit Techno...
UT54ACS08 AEROFLEX-UT54ACS08 Datasheet
219Kb / 9P
Quadruple 2-Input AND Gates
logo
Texas Instruments
SN74HCS86-Q1 TI1-SN74HCS86-Q1 Datasheet
352Kb / 17P
SN74HCS86-Q1 Automotive Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
SN74HCS86-Q1 TI1-SN74HCS86-Q1_V01 Datasheet
391Kb / 18P
SN74HCS86-Q1 Automotive Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
SN74HCS86 TI1-SN74HCS86 Datasheet
348Kb / 15P
SN74HCS86 Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
SN74HCS86 TI1-SN74HCS86_V01 Datasheet
1Mb / 22P
SN74HCS86 Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
SN74HCS86 TI-SN74HCS86_V02 Datasheet
1Mb / 24P
SN74HCS86 Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
SN74HCS86-Q1 TI-SN74HCS86-Q1_V02 Datasheet
1Mb / 27P
SN74HCS86-Q1 Automotive Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com