Electronic Components Datasheet Search
  English  ▼

X  

SN54HC86 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC86
Description  SNx4HC86 Quadruple 2-Input XOR Gates
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC86 Datasheet(HTML) 3 Page - Texas Instruments

  SN54HC86 Datasheet HTML 1Page - Texas Instruments SN54HC86 Datasheet HTML 2Page - Texas Instruments SN54HC86 Datasheet HTML 3Page - Texas Instruments SN54HC86 Datasheet HTML 4Page - Texas Instruments SN54HC86 Datasheet HTML 5Page - Texas Instruments SN54HC86 Datasheet HTML 6Page - Texas Instruments SN54HC86 Datasheet HTML 7Page - Texas Instruments SN54HC86 Datasheet HTML 8Page - Texas Instruments SN54HC86 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
5 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
10
9
1A
1B
1Y
2A
2B
2Y
GND
4B
4A
4Y
3B
3A
V
CC
3Y
Figure 5-1. D, N, NS, PW, J, or W Package
14-Pin SOIC, PDIP, SO, TSSOP, CDIP, or CFP
Top View
4
5
6
7
8
3
2
1
20
19
18
17
16
15
14
9
10 11 12 13
1Y
NC
2A
NC
2B
1B 1A NC V
CC 4B
2Y GND NC 3Y 3A
4A
NC
4Y
NC
3B
Figure 5-2. FK Package
20-Pin LCCC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
D, N, NS,
PW, J, or W
FK
1A
1
2
Input
Channel 1, Input A
1B
2
3
Input
Channel 1, Input B
1Y
3
4
Output
Channel 1, Output Y
2A
4
6
Input
Channel 2, Input A
2B
5
8
Input
Channel 2, Input B
2Y
6
9
Output
Channel 2, Output Y
GND
7
10
—
Ground
3Y
8
12
Output
Channel 3, Output Y
3A
9
13
Input
Channel 3, Input A
3B
10
14
Input
Channel 3, Input B
4Y
11
16
Output
Channel 4, Output Y
4A
12
18
Input
Channel 4, Input A
4B
13
19
Input
Channel 4, Input B
VCC
14
20
—
Positive Supply
NC
1, 5, 7, 11, 15,
17
—
Not internally connected
www.ti.com
SN74HC86, SN54HC86
SCLS100F – DECEMBER 1982 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HC86 SN54HC86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com