Electronic Components Datasheet Search
  English  ▼

X  

TLV1391CDBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1391CDBVT
Description  SINGLE DIFFERENTIAL COMPARATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1391CDBVT Datasheet(HTML) 4 Page - Texas Instruments

  TLV1391CDBVT Datasheet HTML 1Page - Texas Instruments TLV1391CDBVT Datasheet HTML 2Page - Texas Instruments TLV1391CDBVT Datasheet HTML 3Page - Texas Instruments TLV1391CDBVT Datasheet HTML 4Page - Texas Instruments TLV1391CDBVT Datasheet HTML 5Page - Texas Instruments TLV1391CDBVT Datasheet HTML 6Page - Texas Instruments TLV1391CDBVT Datasheet HTML 7Page - Texas Instruments TLV1391CDBVT Datasheet HTML 8Page - Texas Instruments TLV1391CDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TLV1391
SINGLE DIFFERENTIAL COMPARATORS
SLCS128F − APRIL 1996 − REVISED JUNE 2007
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VCC = 3 V
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
V
Input offset voltage
V
14V
V
V
(min)
25
°C
1.5
5
mV
VIO
Input offset voltage
VO = 1.4 V,
VIC = VICR(min)
Full range
9
mV
V
Common mode input voltage range
25
°C
0 to
VCC−1.5
0 to
VCC−1.2
V
VICR
Common-mode input voltage range
Full range
0 to
VCC−2
V
VOL
Low-level output voltage
VID = −1 V,
IOL = 500 µA
Full range
120
300
mV
I
Input offset current
V
14V
25
°C
5
50
nA
IIO
Input offset current
VO = 1.4 V
Full range
150
nA
I
Input bias current
V
14V
25
°C
−40
−250
nA
IIB
Input bias current
VO = 1.4 V
Full range
−400
nA
I
High level output current
VID = 1 V,
VOH = 3 V
25
°C
0.1
nA
IOH
High-level output current
VID = 1 V,
VOH = 5 V
Full range
100
nA
IOL
Low-level output current
VID = −1 V,
VOL = 1.5 V
25
°C
500
µA
I
High level supply current
V
V
25
°C
80
125
A
ICC(H)
High-level supply current
VO = VOH
Full range
150
µA
I
Low level supply current
V =V
25
°C
80
125
µA
ICC(L)
Low-level supply current
VO = VOL
Full range
150
µA
switching characteristics, VCC = 3 V, CL = 15 pF†, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Response time
100-mV input step with 5-mV overdrive,
RL = 5.1 kΩ
0.7
µs
† CL includes the probe and jig capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com