Electronic Components Datasheet Search
  English  ▼

X  

TLV1391CDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1391CDBVT
Description  SINGLE DIFFERENTIAL COMPARATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1391CDBVT Datasheet(HTML) 1 Page - Texas Instruments

  TLV1391CDBVT Datasheet HTML 1Page - Texas Instruments TLV1391CDBVT Datasheet HTML 2Page - Texas Instruments TLV1391CDBVT Datasheet HTML 3Page - Texas Instruments TLV1391CDBVT Datasheet HTML 4Page - Texas Instruments TLV1391CDBVT Datasheet HTML 5Page - Texas Instruments TLV1391CDBVT Datasheet HTML 6Page - Texas Instruments TLV1391CDBVT Datasheet HTML 7Page - Texas Instruments TLV1391CDBVT Datasheet HTML 8Page - Texas Instruments TLV1391CDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLV1391
SINGLE DIFFERENTIAL COMPARATORS
SLCS128F − APRIL 1996 − REVISED JUNE 2007
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low-Voltage and Single-Supply Operation
VCC = 2 V to 7 V
D Common-Mode Voltage Range Includes
Ground
D Fast Response Time . . . 0.7 µs Typ
D Low Supply Current ...80 µA Typ and
150
µA Max
D Fully Specified at 3-V and 5-V Supply
Voltages
description/ordering informaton
The TLV1391 is a differential comparator built using a Texas Instruments low-voltage, high-speed bipolar
process. These devices have been developed specifically for low-voltage, single-supply applications. Their
enhanced performance makes them excellent replacements for the LM393 in the improved 3-V and 5-V system
designs.
The TLV1391, with its typical supply current of only 80
µA, is ideal for low-power systems. Response time also
has been improved to 0.7
µs.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
0
°Cto70°C
SOT 23 5 (DBV)
Reel of 3000
TLV1391CDBVR
Y3D
−0
°C to 70°C
SOT-23-5 (DBV)
Reel of 250
TLV1391CDBVT
Y3D_
40
°Cto85°C
SOT 23 5 (DBV)
Reel of 3000
TLV1391IDBVR
Y3E
−40
°C to 85°C
SOT-23-5 (DBV)
Reel of 250
TLV1391IDBVT
Y3E_
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
‡ The actual top-side marking has one additional character that designates the wafer fab/assembly site.
symbol (each comparator)
OUT
IN+
IN−
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DBV PACKAGE
(TOP VIEW)
1
2
3
5
4
IN−
VCC−/GND
IN+
VCC+
OUT


Similar Part No. - TLV1391CDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1391CDBVT TI-TLV1391CDBVT Datasheet
185Kb / 9P
SINGLE DIFFERENTIAL COMPARATORS
TLV1391CDBVT TI1-TLV1391CDBVT Datasheet
764Kb / 13P
SINGLE DIFFERENTIAL COMPARATORS
TLV1391CDBVT TI-TLV1391CDBVT Datasheet
897Kb / 14P
SINGLE DIFFERENTIAL COMPARATORS
TLV1391CDBVT TI2-TLV1391CDBVT Datasheet
423Kb / 14P
SINGLE DIFFERENTIAL COMPARATORS
REVISED JUNE 2007
TLV1391CDBVT TI2-TLV1391CDBVT Datasheet
429Kb / 14P
SINGLE DIFFERENTIAL COMPARATORS
REVISED JUNE 2007
More results

Similar Description - TLV1391CDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1391 TI-TLV1391 Datasheet
147Kb / 10P
SINGLE DIFFERENTIAL COMPARATORS
TL331I TI-TL331I Datasheet
156Kb / 3P
DIFFERENTIAL COMPARATORS
LM139 TI-LM139_06 Datasheet
587Kb / 23P
QUAD DIFFERENTIAL COMPARATORS
TLV1391 TI-TLV1391_03 Datasheet
185Kb / 9P
SINGLE DIFFERENTIAL COMPARATORS
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
Dual Differential Comparators
TLV1391 TI1-TLV1391_15 Datasheet
764Kb / 13P
SINGLE DIFFERENTIAL COMPARATORS
LM311-MIL TI1-LM311-MIL Datasheet
903Kb / 25P
Differential Comparators
TLV1391 TI-TLV1391_V01 Datasheet
897Kb / 14P
SINGLE DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com