Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS35
Description  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS35 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS35 Datasheet HTML 2Page - Texas Instruments TPS35 Datasheet HTML 3Page - Texas Instruments TPS35 Datasheet HTML 4Page - Texas Instruments TPS35 Datasheet HTML 5Page - Texas Instruments TPS35 Datasheet HTML 6Page - Texas Instruments TPS35 Datasheet HTML 7Page - Texas Instruments TPS35 Datasheet HTML 8Page - Texas Instruments TPS35 Datasheet HTML 9Page - Texas Instruments TPS35 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Table 5-1. Pin Functions
PIN
NAME
PIN NUMBER
I/O
DESCRIPTION
PINOUT
A
PINOUT
B
PINOUT
C
PINOUT
J
PINOUT
K
CRST
3
3
—
—
2
I
Programmable WDO assert time pin. Connect a capacitor between
this pin and GND to program the WDO assert time period. See
Section 7.3.3 for more details.
CWD
2
2
—
—
1
I
Programmable watchdog timeout input. Watchdog timeout is set by
connecting a capacitor between this pin and ground. See Section
7.3.1.1 for more details.
GND
4
4
4
4
4
—
Ground pin
MR
1
—
2
—
—
I
Manual reset pin. A logic low on this pin asserts the WDO output.
See Section 7.3.2 for more details.
WDO
7
7
7
5
5
O
Watchdog output. Connect WDO to VDD using pull up resistance
when using open drain output. WDO is asserted when a watchdog
error occurs or MR pin is driven LOW. See Section 7.3.3 for more
details.
SET0
5
1
1
1
—
I
Logic input. SET0, SET1, and WD-EN pins select the watchdog timer
scaling and enable-disable the watchdog; see Section 7.3.1.4 for
more details.
SET1
—
5
5
—
—
I
Logic input. SET0, SET1, and WD-EN pins select the watchdog timer
scaling and enable-disable the watchdog; see Section 7.3.1.4 for
more details.
VDD
8
8
8
6
6
I
Supply voltage pin. For noisy systems, connecting a 0.1µF bypass
capacitor is recommended.
WD-EN
—
—
6
2
—
I
Logic input. Logic high input enables the watchdog monitoring
feature. See Section 7.3.1.2 for more details.
WDI
6
6
3
3
3
I
Watchdog input. A falling transition (edge) must occur at this pin
before the timeout expires in order for WDO to not assert. See
Section 7.3.1 for more details.
TPS3435
SNVSCF7A – DECEMBER 2022 – REVISED AUGUST 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com