Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS35
Description  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS35 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS35 Datasheet HTML 9Page - Texas Instruments TPS35 Datasheet HTML 10Page - Texas Instruments TPS35 Datasheet HTML 11Page - Texas Instruments TPS35 Datasheet HTML 12Page - Texas Instruments TPS35 Datasheet HTML 13Page - Texas Instruments TPS35 Datasheet HTML 14Page - Texas Instruments TPS35 Datasheet HTML 15Page - Texas Instruments TPS35 Datasheet HTML 16Page - Texas Instruments TPS35 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
6.10 Typical Characteristics
all curves are taken at TA = 25°C (unless otherwise noted)
Ambient Te mperature (
C)
-40
-7
26
59
92
125
-10
-5
0
5
10
Device lot 1
Device lot 2
Device lot 3
Figure 6-2. Timer Accuracy vs Temperature
Time Accuracy (%)
0
12
24
36
48
60
-5
-4
-3
-2
-1
0
1
2
3
4
5
Figure 6-3. Timer Accuracy Histogram
CWD Capacitance (nF)
0
200
400
600
800
1000
0
2
4
6
8
10
TA = 25C
TA = 125C
TA = −40C
Figure 6-4. tWD vs Capacitance
CRST capacitance (nF)
0
300
600
900
1200
1500
1800
0
2
4
6
8
10
TA = 25C
TA = 125C
TA = −40C
Figure 6-5. tWDO vs Capacitance
Sink current (mA)
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
TA = −40C
TA = 0C
TA = 25C
TA = 85C
TA = 125C
Figure 6-6. WDO VOL vs I sink, VDD = 1.5V
Sink current (mA)
1
2
3
4
5
0
0.1
0.2
0.3
0.4
0.5
TA = −40C
TA = 0C
TA = 25C
TA = 85C
TA = 125C
Figure 6-7. WDO VOL vs I sink, VDD = 3.3V
www.ti.com
TPS3435
SNVSCF7A – DECEMBER 2022 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com