Electronic Components Datasheet Search
  English  ▼

X  

LB8681CL Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB8681CL
Description  Monolithic Digital IC Constant Current Driver IC with H-bridge 횞 1.5 Channel
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8681CL Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB8681CL Datasheet HTML 1Page - Sanyo Semicon Device LB8681CL Datasheet HTML 2Page - Sanyo Semicon Device LB8681CL Datasheet HTML 3Page - Sanyo Semicon Device LB8681CL Datasheet HTML 4Page - Sanyo Semicon Device LB8681CL Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
31407 TI PC B8-8350 No.0696-1/5
LB8681CL
Overview
The LB8681CL is a low-voltage, low-saturation 1.5-channel constant current forward/reverse driver IC provided in a
miniature package suitable for use in cell phone cameras. The LB8681CL can be driven directly from a microcontroller
and is optimal for control of the voice coil motors used for shutter and aperture control in cell phone cameras.
Features
• Supports low-voltage drive. (2.2V or more)
• Ultraminiature package (ECSP2828-10)
Functions
• Constant current control (IOUT = 100mA at RF = 2Ω)
• Built-in thermal protection circuit
• Built-in reference voltage (0.2V typical)
• Built-in spark killer diode
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
-0.3 to +8.0
V
Output voltage
VOUT max
OUT1, OUT2, OUT3
VCC + VSF
V
Input voltage
VIN max
IN1, IN2, IN3
-0.3 to +8.0
V
Ground pin source current
IGND
Per channel
400
mA
Allowable power dissipation
Pd max
When mounted on a circuit board *
450
mW
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-40 to +150
°C
* Specified circuit board : 20.0
× 10.0 × 0.8mm3, paper-phenol
Monolithic Digital IC
Constant Current Driver IC
with H-bridge
× 1.5 Channel
Ordering number : EN0696


Similar Part No. - LB8681CL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8682PL SANYO-LB8682PL Datasheet
74Kb / 5P
Monolithic Digital IC For Camera Cell Phone Motor Driver Two Saturated Drive Channels and One Constant-Current Drive Channel
LB8684CL SANYO-LB8684CL Datasheet
72Kb / 5P
Monolithic Digital IC Digital Camera Motor Driver for Cell Phones
More results

Similar Description - LB8681CL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G Datasheet
270Kb / 15P
H-Bridge Driver IC
Rev 2.2 2006-01-30
TLE6284G INFINEON-TLE6284G Datasheet
261Kb / 15P
H-Bridge Driver IC
2006-01-30
logo
Sanyo Semicon Device
LV8098CS SANYO-LV8098CS Datasheet
229Kb / 8P
Constant-current Driver IC
LV8099CS SANYO-LV8099CS Datasheet
215Kb / 9P
Constant-current Driver IC
LB1939T SANYO-LB1939T Datasheet
113Kb / 7P
2 Channel H Bridge Constant Voltage/ Constant Current Driver IC
LB1973JA SANYO-LB1973JA Datasheet
218Kb / 5P
Monolithic Digital IC Two-channel H-Bridge Driver
LB1939T SANYO-LB1939T_09 Datasheet
67Kb / 7P
2 Channel H Bridge Constant Voltage/Constant Current Driver IC
logo
ON Semiconductor
LB1940T ONSEMI-LB1940T Datasheet
305Kb / 8P
Monolithic Digital IC 2-ch H-Bridge Constant Current Driver Constant-current control
June, 2013
LV8498CT ONSEMI-LV8498CT Datasheet
85Kb / 8P
Constant-current Driver IC
June, 2013
logo
Global Mixed-mode Techn...
G2004 GMT-G2004 Datasheet
63Kb / 1P
Constant current type 1-CH H-bridge driver IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com