Electronic Components Datasheet Search
  English  ▼

X  

LB8681CL Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB8681CL
Description  Monolithic Digital IC Constant Current Driver IC with H-bridge 횞 1.5 Channel
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8681CL Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB8681CL Datasheet HTML 1Page - Sanyo Semicon Device LB8681CL Datasheet HTML 2Page - Sanyo Semicon Device LB8681CL Datasheet HTML 3Page - Sanyo Semicon Device LB8681CL Datasheet HTML 4Page - Sanyo Semicon Device LB8681CL Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LB8681CL
No.0696-2/5
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.2 to 7.5
V
High-level input voltage
VIH
1.8 to 7.5
V
Low-level input voltage
VIL
IN1,IN2,IN3
-0.3 to 0.7
V
Electrical Characteristics at Ta
= 25°C, VCC = 3.3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC0
IN1 = IN2 = IN3 = 0V
0.1
1
μA
Supply current
ICC1
IN1, IN2, or IN3 = 3V
13.9
18
mA
VOUT1
IN1, IN2, or IN3 = 3V, IOUT = 100mA
0.20
0.32
V
Output saturation voltage
VOUT2
IN1, IN2, or IN3 = 3V, IOUT = 200mA*
0.41
0.62
V
IOUT1
Between REF and GND : 2
Ω
95
100
105
mA
Output constant current
IOUT2
Between REF and GND : 1
Ω*
190
200
210
mA
Input current
IIN
VIN = 3V
40
60
μA
Spark killer diode
Reverse current
IS(leak)
1
μA
Forward voltage
VSF
IOUT = 200mA*
1.7
V
* Design guarantee: These characteristics are design targets and are not measured.
Package Dimensions
unit : mm (typ)
3301A
SANYO : ECSP2828-10
2.8
0.325
0.075
1
5
10
1
2
6
TOP VIEW
SIDE VIEW
BOTTOM VIEW
SIDE VIEW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com