Electronic Components Datasheet Search
  English  ▼

X  

OPI110C Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPI110C
Description  Optically Coupled Isolator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPI110C Datasheet(HTML) 1 Page - OPTEK Technologies

  OPI110C Datasheet HTML 1Page - OPTEK Technologies OPI110C Datasheet HTML 2Page - OPTEK Technologies OPI110C Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
05/07
Page 1 of 3
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optically Coupled Isolator
OPI110, OPI113, OPI1264 Series
Description:
Each Optoisolator in this data sheet contains an infrared Light Emitting Diode (LED) and a NPN silicon
Photosensor. The OPI110 and OPI1264 devices have 890 nm Light Emitting Diode (LED) and NPN
phototransistor sensor, whereas the OP113 has a 890 nm LED and a photodarlington sensor. The devices are
sealed in a precast opaque housing with a optically transmissive path between the LED and the photosensor.
The Optoisolators in this data sheet are UL approved under E 58730.
This series is designed for transmission of information between one power supply voltage and another where the
potentials during surge conditions are not greater than the guaranteed isolation voltage.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for
more information.
Features:
• 10 kV electrical isolation
• Choice of phototransistor or photodarington output
• Low-cost plastic housing
• UL recognized File No. E58730*
Product Photo Here
RoHS
Applications:
• High voltage isolation between
input and output
• Electrical isolation in dirty
environments
• Industrial equipment
• Medical equipment
• Office equipment
Ordering Information
Part
Number
LED
Peak
Wavelength
Sensor
Isolation
Voltage
(,000)
CTR
Min /
Max
IF (mA)
Typ / Max
VCE
(Volts)
Max
Lead
Length /
Spacing
OPI110
890 nm
Transistor
10
12.5 / NA
10 / 40
30
OPI110A
25 / NA
OPI110B
50 / 125
OPI110C
100 / NA
OPI113
Photodarlington
50 / NA
5 / 40
OPI1264
Transistor
12.5 / NA
10 / 40
OPI1264A
25 / NA
OPI1264B
50 / 125
OPI1264C
100 / NA
0.50" / 0.55"


Similar Part No. - OPI110C

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPI110C OPTEK-OPI110C Datasheet
231Kb / 2P
OPTICALLY COUPLED ISOLATORS
logo
TT Electronics.
OPI110C TTELEC-OPI110C Datasheet
549Kb / 3P
Optically Coupled Isolator
More results

Similar Description - OPI110C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCD820 FAIRCHILD-FCD820 Datasheet
80Kb / 2P
OPTICALLY-COUPLED ISOLATOR
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
OPTICALLY COUPLED ISOLATOR
CNX72A ISOCOM-CNX72A_10 Datasheet
753Kb / 3P
OPTICALLY COUPLED ISOLATOR
CNY17-1X ISOCOM-CNY17-1X_08 Datasheet
128Kb / 3P
OPTICALLY COUPLED ISOLATOR
CQY80X ISOCOM-CQY80X_10 Datasheet
771Kb / 3P
OPTICALLY COUPLED ISOLATOR
H11AV1X ISOCOM-H11AV1X_08 Datasheet
77Kb / 3P
OPTICALLY COUPLED ISOLATOR
logo
Bedford Opto Technology...
OPI3000P BOT-OPI3000P_11 Datasheet
36Kb / 2P
Optically Coupled Isolator
logo
OPTEK Technologies
OPI120 OPTEK-OPI120_14 Datasheet
81Kb / 3P
Optically Coupled Isolator
logo
TT Electronics.
OPI7002 TTELEC-OPI7002 Datasheet
582Kb / 3P
Optically Coupled Isolator
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
Optically Coupled Isolator / High Speed Optically Coupled Isolator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com