Electronic Components Datasheet Search
  English  ▼

X  

OPI110C Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OPI110C
Description  Optically Coupled Isolator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPI110C Datasheet(HTML) 3 Page - OPTEK Technologies

  OPI110C Datasheet HTML 1Page - OPTEK Technologies OPI110C Datasheet HTML 2Page - OPTEK Technologies OPI110C Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
05/07
Page 3 of 3
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optically Coupled Isolator
OPI110, OPI113, OPI1264 Series
Notes:
(1)
Measured with input and output leads shorted. Typical input/output capacitance is 0.06 pF.
Electrical Characteristics
(TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode (See OP265 for additional information - for reference only)
VF
Forward Voltage
-
-
1.6
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR = 2 V
Output Photosensor (See OP505 for additional information - for reference only)
V(BR)CEO
Collector-Emitter Breakdown Voltage
OPI110, OPI1264
OPI113
30
15
-
-
-
-
V
IC = 100 µA
IC = 100 µA, IF = 0
V(BR)ECO
Emitter-Collector Breakdown Voltage
OPI110, OPI113
OPI1264
5
-
-
-
-
-
V
IE = 100 µA, IF = 0
IE = 100 µA
ICEO
Collector-Emitter Dark Current
OPI110, OPI1264
OPI113
-
-
-
-
100
100
nA
VCE = 15 V, EE = 0
VCE = 10 V, EE = 0
IC/IF
DC Current Transfer Ratio
OPI110, OPI1264
OPI110A, OPI1264A
OPI110B, OPI1264B
OPI110C, OPI1264C
OPI113
12.5
25.0
50.0
100.
0
50.0
-
-
-
-
400
-
-
125
-
-
%
IF = 10 mA, VCE = 5 V
IF = 10 mA, VCE = 5 V
IF = 10 mA, VCE = 5 V
IF = 10 mA, VCE = 5 V
IF = 5 mA, VCE = 2 V
VCE(SAT)
Collector Saturation Voltage
OPI110, OPI1264
OPI113
-
-
-
-
0.4
1.2
V
IF = 10 mA, IC = 1.6 mA
IF = 10 mA, IC = 5 mA
ICEO
Collector-Emitter Dark Current
OPI110, OPI1264
OPI113
-
-
-
-
200
100
nA
VCE = 20 V, IF = 0
VCE = 10 V, IF = 0
VISO
Isolation Voltage
10
-
-
kVDC
See Note 1.
Coupled



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com