Electronic Components Datasheet Search
  English  ▼

X  

CYRF6936 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # CYRF6936
Description  WirelessUSB??LP 2.4 GHz Radio SoC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF6936 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button CYRF6936 Datasheet HTML 32Page - Cypress Semiconductor CYRF6936 Datasheet HTML 33Page - Cypress Semiconductor CYRF6936 Datasheet HTML 34Page - Cypress Semiconductor CYRF6936 Datasheet HTML 35Page - Cypress Semiconductor CYRF6936 Datasheet HTML 36Page - Cypress Semiconductor CYRF6936 Datasheet HTML 37Page - Cypress Semiconductor CYRF6936 Datasheet HTML 38Page - Cypress Semiconductor CYRF6936 Datasheet HTML 39Page - Cypress Semiconductor CYRF6936 Datasheet HTML 40Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
CYRF6936
Document #: 38-16015 Rev. *G
Page 39 of 40
Document History Page
Description Title: CYRF6936 WirelessUSB™ LP 2.4 GHz Radio SoC
Document Number: 38-16015
REV.
ECN NO.
Issue Date
Orig. of
Change
Description of Change
**
307437
See ECN
TGE
New data sheet
*A
377574
See ECN
TGE
Preliminary release–
- updated Section 1.0 - Features
- updated Section 2.0 - Applications
- added Section 3.0 - Applications Support
- updated Section 4.0 - Functional Descriptions
- updated Section 5.0 - Pin Description
- added Figure 5-1
- updated Section 6.0 - Functional Overview
- added Section 7.0 - Functional Block Overview
- added Section 9.0 - Register Descriptions
- updated Section 10.0 - Absolute Maximum Ratings
- updated Section 11.0 - Operating Conditions
- updated Section 12.0 - DC Characteristics
- updated Section 13.0 - AC Characteristics
- updated Section 14.0 - RF Characteristics
- added Section 16.0 - Ordering Information
*B
398756
See ECN
TGE
ES-10 update-
- changed part no.
- updated Section 9.0 - Register Descriptions
- updated Section 12.0 - DC Characteristics
- updated Section 14.0 - RF Characteristics
*C
412778
See ECN
TGE
ES-10 update-
- updated Section 4.0 - Functional Descriptions
- updated Section 5.0 - Pin Descriptions
- updated Section 6.0 - Functional Overview
- updated Section 7.0 - Functional Block Overview
- updated Section 9.0 - Register Descriptions
- updated Section 10.0 - Absolute Maximum Ratings
- updated Section 11.0 - Operating Conditions
- updated Section 14.0 - RF Characteristics
*D
435578
See ECN
TGE
- updated Section 1.0 - Features
- updated Section 5.0 - Pin Descriptions
- updated Section 6.0 - Functional Overview
- updated Section 7.0 - Functional Block Overview
- updated Section 9.0 - Register Descriptions
- added Section 10.0 - Recommended Radio Circuit Schematic
- updated Section 11.0 - Absolute Maximum Ratings
- updated Section 12.0 - Operating Conditions
- updated Section 13.0 - DC Characteristics
- updated Section 14.0 - AC Characteristics
- updated Section 15.0 - RF Characteristics
*E
460458
See ECN
BOO
Final data sheet - removed “Preliminary” notation
*F
487261
See ECN
TGE
- updated Section 1.0 - Features
- updated Section 5.0 - Pin Descriptions
- updated Section 6.0 - Functional Overview
- updated Section 7.0 - Functional Block Overview
- updated Section 8.0 - Application Example
- updated Section 9.0 - Register Descriptions
- updated Section 12.0 - DC Characteristics
- updated Section 13.0 - AC Characteristics
- updated Section 14.0 - RF Characteristics
- added Section 15.0 - Typical Operating Characteristics
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com