Electronic Components Datasheet Search
  English  ▼

X  

CYRF6936 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # CYRF6936
Description  WirelessUSB??LP 2.4 GHz Radio SoC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF6936 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button CYRF6936 Datasheet HTML 15Page - Cypress Semiconductor CYRF6936 Datasheet HTML 16Page - Cypress Semiconductor CYRF6936 Datasheet HTML 17Page - Cypress Semiconductor CYRF6936 Datasheet HTML 18Page - Cypress Semiconductor CYRF6936 Datasheet HTML 19Page - Cypress Semiconductor CYRF6936 Datasheet HTML 20Page - Cypress Semiconductor CYRF6936 Datasheet HTML 21Page - Cypress Semiconductor CYRF6936 Datasheet HTML 22Page - Cypress Semiconductor CYRF6936 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
CYRF6936
Document #: 38-16015 Rev. *G
Page 19 of 40
Mnemonic
PWR_CTRL_ADR
Address
0x0B
Bit
7
6
5
4
3
2
1
0
Default
1
0
1
-
0
0
0
0
Read/Write
R/W
R/W
R/W
-
R/W
R/W
R/W
R/W
Function
PMU EN
LVIRQ EN
PMU Mode
Force
PFET Disable
LVI TH
PMU OUTV
Bit 7
Power Management Unit (PMU) Enable. Setting this bit enables the PMU only if PMU Mode Force (bit 5) is set. Otherwise it
has no effect. See PMU Mode Force (bit 5) description for more information.
Bit 6
Low Voltage Interrupt Enable. Setting this bit enables the LV IRQ interrupt. When this interrupt is enabled, if the VBAT voltage
falls below the threshold set by LVI TH, a low voltage interrupt is generated. The LVI is not available when the device is in sleep
mode. The LVI event on IRQ pin is automatically disabled whenever the PMU is disabled.
Bit 5
PMU Mode Force. If this bit is set, the PMU operation is based on the state of the PMU Enable Bit (bit 7). if this bit is not set
then the PMU is disabled in Sleep mode and enabled when not in Sleep mode, if Bit 7 = 1. If Bit 7 = 1 and Bit 5 = 1, PMU is
enabled always (even during sleep). If Bit 7 = 0 and Bit 5 = 1, PMU is disabled always. If Bit 7 = 1and Bit 5 = 0, PMU is disabled
only in Sleep Mode.
Bits 3:2
Low Voltage Interrupt Threshold. This field sets the voltage on VBAT at which the LVI is triggered. 11 = 1.8V; 10 = 2.0V;
01 = 2.2V; 00 = PMU OUTV voltage.
Bits 1:0
PMU Output Voltage. This field sets the minimum output voltage of the PMU. 11 = 2.4V; 10 = 2.5V; 01 = 2.6V; 00 = 2.7V. When
the PMU is active, the voltage output by the PMU on VREG is never less than this voltage, provided that the total load on the
VREG pin is less than the specified maximum value, and the voltage in VBAT is greater than the specified minimum value.
The order of writing these bits impacts the value of the Sleep current ISB.
Mnemonic
XTAL_CTRL_ADR
Address
0x0C
Bit
7
6
5
4
3
2
1
0
Default
0
0
0
-
-
1
0
0
Read/Write
R/W
R/W
R/W
-
-
R/W
R/W
R/W
Function
XOUT FN
XSIRQ EN
Not Used
Not Used
FREQ
Bits 7:6
XOUT Pin Function. This field selects between the different functions of the XOUT pin. 00 = Clock frequency set by XOUT
FREQ; 01 = Active LOW PA Control; 10 = Radio data serial bit stream. If this option is selected and SPI is configured for 3-wire
mode then the MISO pin outputs a serial clock associated with this data stream; 11 = GPIO. To disable this output, set to GPIO
mode, and set the GPIO state in IO_CFG_ADR.
Bit 5
Crystal Stable Interrupt Enable. This bit enables the OS IRQ interrupt. When enabled, this interrupt generates an IRQ event
when the crystal has stabilized after the device has awaken from sleep mode. This event is cleared by writing ‘0’ to this bit.
Bits 2:0
XOUT Frequency. This field sets the frequency output on the XOUT pin when XOUT FN is set to 00. 0 = 12 MHz; 1 = 6 MHz,
2 = 3 MHz, 3 = 1.5 MHz, 4 = 0.75 MHz; other values are not defined.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com