Electronic Components Datasheet Search
  English  ▼

X  

AD7766-2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7766-2
Description  24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7766-2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7766-2 Datasheet HTML 4Page - Analog Devices AD7766-2 Datasheet HTML 5Page - Analog Devices AD7766-2 Datasheet HTML 6Page - Analog Devices AD7766-2 Datasheet HTML 7Page - Analog Devices AD7766-2 Datasheet HTML 8Page - Analog Devices AD7766-2 Datasheet HTML 9Page - Analog Devices AD7766-2 Datasheet HTML 10Page - Analog Devices AD7766-2 Datasheet HTML 11Page - Analog Devices AD7766-2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD7767
Rev. 0 | Page 8 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
AVDD to AGND
−0.3 V to +3 V
DVDD to DGND
−0.3 V to +3 V
AVDD to DVDD
−0.3 V to +0.3 V
VREF+ to REFGND
−0.3 V to +7 V
REFGND to AGND
−0.3 V to + 0.3 V
VDRIVE to DGND
−0.3 V to +6 V
VIN+, VIN– to AGND
−0.3 V to VREF +0.3 V
Digital Inputs to DGND
−0.3 V to VDRIVE + 0.3 V
Digital Outputs to DGND
−0.3 V to VDRIVE + 0.3 V
AGND to DGND
−0.3 V to +0.3 V
Input Current to Any Pin Except
Supplies1
±10 mA
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
TSSOP Package
θJA Thermal Impedance
150.4°C/W
θJC Thermal Impedance
27.6°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
ESD
1 kV
1 Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com