Electronic Components Datasheet Search
  English  ▼

X  

AD7766-2 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7766-2
Description  24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7766-2 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7766-2 Datasheet HTML 16Page - Analog Devices AD7766-2 Datasheet HTML 17Page - Analog Devices AD7766-2 Datasheet HTML 18Page - Analog Devices AD7766-2 Datasheet HTML 19Page - Analog Devices AD7766-2 Datasheet HTML 20Page - Analog Devices AD7766-2 Datasheet HTML 21Page - Analog Devices AD7766-2 Datasheet HTML 22Page - Analog Devices AD7766-2 Datasheet HTML 23Page - Analog Devices AD7766-2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD7767
Rev. 0 | Page 22 of 24
VREF+ INPUT SIGNAL
The AD7767/AD7767-1/AD7767-2 VREF + pin is supplied with a
5 V input, which is generated by a low noise voltage reference.
Either the ADR445 or the ADR425 can be used with the AD7767/
AD7767-1/AD7767-2 device. This reference voltage input also
acts as a power supply to the AD7767/AD7767-1/AD7767-2
device.
The output of the low noise voltage reference does not require a
buffer; however, it is important to provide a passive filter network
between the VOUT pin of the voltage reference and the VREF+
input on the ADC. Figure 46 shows a reference signal network
that can be used with both the ADR445 and the ADR425.
The 100 nF capacitor on the output of the ADR445 or ADR425
stabilizes the reference output voltage. The series resistor coupled
with the other capacitive values on the reference acts as a low-
pass filter. Figure 46 shows the optimal reference voltage input
circuit.
VREF+
C39
100nF
C40
100µF
C15
10µF
C38
100nF
100Ω
AD7767/
AD7767-1/
AD7767-2
ADR445
OR
ADR425
VOUT
5V
Figure 46. AD7767/AD7767-1/AD7767-2 Reference Filtering,
ADR445 or ADR425 Circuit Topology
For the capacitor designated C40 in Figure 46, either an
electrolytic or tantalum capacitor can be used. This capacitor
acts as a reservoir of charge. Further decoupling capacitors are
placed as close as possible to the VREF+ pin.
MULTIPLEXING ANALOG INPUT CHANNELS
The AD7767/AD7767-1/AD7767-2 can be used with a multi-
plexer configuration. As per any converter that uses a digital
filtering block, the maximum switching rate, or output data rate
per channel, is a function of the digital filter settling time.
A user multiplexing the analog inputs to a converter that
employs a digital filter must wait the full digital filter settling
time before a valid conversion result is achieved; at this point,
the channel can be switched. After switching the channel, the
full settling time must again be observed before a valid conver-
sion result is available and the input is switched once more.
The AD7767 filter settling time equals 74 divided by the output
data rate in use. The maximum switching frequency in a
multiplexed application is therefore 1/(74/ODR), where the
output data rate (ODR) is a function of the applied MCLK
frequency and the decimation rate employed by the device in
question. For example, applying a 1.024 MHz MCLK frequency
to the AD7767 gives a maximum output data rate of 128 kHz,
which in turn allows a 1.729 kHz multiplexer switching rate.
The AD7767-1 and the AD7767-2 employ digital filters with
longer settling time to achieve greater precision; thus, the
maximum switching frequency for these devices is 864 Hz and
432 Hz, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com