Electronic Components Datasheet Search
  English  ▼

X  

STAR250BK7 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # STAR250BK7
Description  250K Pixel Radiation Hard CMOS Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR250BK7 Datasheet(HTML) 1 Page - Cypress Semiconductor

  STAR250BK7 Datasheet HTML 1Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 2Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 3Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 4Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 5Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 6Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 7Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 8Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
CYIS1SM0250-AA
CYIS1SM0250-AA STAR250 250K Pixel
Radiation Hard CMOS Image Sensor
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 38-05713 Rev. *B
Revised December 12, 2006
Features
The STAR250 sensor is a CMOS Active Pixel Sensor,
designed for application in Optical Inter-Satellite Link beam
trackers. The STAR250 is part of broader range of applications
such as space-borne systems like sun sensing and star
tracking. It features 512 by 512 pixels on a 25
µm pitch, on chip
Fixed Pattern Noise (FPN) correction, a programmable gain
amplifier, and a 10bit ADC. Flexible operating (multiple
windowing, subsampling) is possible by direct addressable X-
and Y- register.
The sensor has an outstanding radiation tolerance that is
observed by using proprietary technology modifications and
design techniques. Two versions of sensors are available,
STAR250 and STAR250BK7. STAR250 has a quartz glass lid
and air in the cavity. The STAR250BK7 has a BK7G18 glass
lid with anti reflective coating. The cavity is filled with N2
increasing the temperature operating range.
Applications
• Satellites
• Spacecraft monitoring
• Nuclear inspection
Key Features
Parameter
Typical Value
Optical Format
1 Inch
Active Pixels
512 x 512
Pixel Size
25
µm
Shutter Type
Electronic
Maximum Data Rate /
Master Clock
8 MHz
Frame Rate
Up to 30 full frames/s
ADC Resolution
10 bit
Sensitivity
3340 V.m2/W.s
Dynamic Range
74dB (5000:1)
kTC Noise
76 e-
Dark Current
4750 e-/s at RT
Supply Voltage
5V
Operating Temperature
0°C - +65°C (STAR250)
-40°C - +85°C (STAR250BK7)
Gamma Total Dose
Radiation tolerance
Increase in average dark current
< 1 nA/cm2 after 3 MRad
Image operation with dark signal
< 1V/s after 10 Mrad
demonstrated (Co60)
Proton Radiation
Tolerance
1% of pixels has an increase in
dark current > 1 nA/cm2 after
3*10^10 protons at 11.7 MeV
SEL Threshold
> 80 MeV cm3 mg-1
Color Filter Array
Mono
Packaging
84 pin JLCC
Power Consumption
< 350 mW
Key Features (continued)
Parameter
Typical Value
[+] Feedback
[+] Feedback


Similar Part No. - STAR250BK7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
STAR TI1-STAR Datasheet
551Kb / 30P
STAR STAR Surface Mount Tape-and-Reel Specification
logo
Cypress Semiconductor
STAR1000 CYPRESS-STAR1000 Datasheet
634Kb / 21P
1M Pixel Radiation Hard CMOS Image Sensor
STAR1000 CYPRESS-STAR1000 Datasheet
1Mb / 21P
1M Pixel Radiation Hard CMOS Image Sensor
STAR1000 CYPRESS-STAR1000 Datasheet
1,009Kb / 24P
1M Pixel Radiation Hard CMOS Image Sensor
STAR1000-BK7 CYPRESS-STAR1000-BK7 Datasheet
634Kb / 21P
1M Pixel Radiation Hard CMOS Image Sensor
More results

Similar Description - STAR250BK7

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000 Datasheet
1Mb / 49P
4M Pixel CMOS Image Sensor
CYIL1SM4000AA-GDC CYPRESS-CYIL1SM4000AA-GDC Datasheet
1Mb / 38P
4M Pixel CMOS Image Sensor
CYIS1SM1000AA-HQC CYPRESS-CYIS1SM1000AA-HQC Datasheet
634Kb / 21P
1M Pixel Radiation Hard CMOS Image Sensor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
4M Pixel CMOS Image Sensor
STAR1000 CYPRESS-STAR1000_09 Datasheet
1Mb / 21P
1M Pixel Radiation Hard CMOS Image Sensor
CYIS1SM0250-AA CYPRESS-CYIS1SM0250-AA_09 Datasheet
797Kb / 21P
CYIS1SM0250-AA STAR250 250K Pixel Radiation Hard CMOS Image Sensor
STAR1000 CYPRESS-STAR1000_11 Datasheet
1,009Kb / 24P
1M Pixel Radiation Hard CMOS Image Sensor
logo
ON Semiconductor
NOIS1SM1000S-HHC ONSEMI-NOIS1SM1000S-HHC Datasheet
690Kb / 37P
STAR1000 1M Pixel Radiation Hard CMOS
February, 2014 ??Rev. 13
NOIS1SM0250A ONSEMI-NOIS1SM0250A Datasheet
474Kb / 25P
Radiation Tolerant CMOS Image Sensor
January, 2014 ??Rev. 10
NOIS1SM0250A ONSEMI-NOIS1SM0250A_17 Datasheet
453Kb / 24P
Pixel Radiation Tolerant CMOS Image Sensor
January, 2017 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com